Electronic Components Datasheet Search
  English  ▼

X  

INA950-SEP Datasheet(PDF) 3 Page - Texas Instruments

Part # INA950-SEP
Description  INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA950-SEP Datasheet(HTML) 3 Page - Texas Instruments

  INA950-SEP Datasheet HTML 1Page - Texas Instruments INA950-SEP Datasheet HTML 2Page - Texas Instruments INA950-SEP Datasheet HTML 3Page - Texas Instruments INA950-SEP Datasheet HTML 4Page - Texas Instruments INA950-SEP Datasheet HTML 5Page - Texas Instruments INA950-SEP Datasheet HTML 6Page - Texas Instruments INA950-SEP Datasheet HTML 7Page - Texas Instruments INA950-SEP Datasheet HTML 8Page - Texas Instruments INA950-SEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................2
4 Pin Configuration and Functions ..................................4
5 Specifications.................................................................. 5
5.1 Absolute Maximum Ratings........................................ 5
5.2 ESD Ratings............................................................... 5
5.3 Recommended Operating Conditions.........................5
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics.............................................6
5.6 Typical Characteristics................................................ 7
6 Detailed Description...................................................... 11
6.1 Overview................................................................... 11
6.2 Functional Block Diagram......................................... 11
6.3 Feature Description...................................................12
6.4 Device Functional Modes..........................................14
7 Application and Implementation.................................. 15
7.1 Application Information............................................. 15
7.2 Typical Application.................................................... 17
7.3 Power Supply Recommendations.............................19
7.4 Layout....................................................................... 19
8 Device and Documentation Support............................20
8.1 Documentation Support............................................ 20
8.2 Receiving Notification of Documentation Updates....20
8.3 Support Resources................................................... 20
8.4 Trademarks...............................................................20
8.5 Electrostatic Discharge Caution................................20
8.6 Glossary....................................................................20
9 Revision History............................................................ 20
10 Mechanical, Packaging, and Orderable
Information.................................................................... 20
10.1 Mechanical Data..................................................... 21
www.ti.com
INA950-SEP
SBOSAK8 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA950-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com