Electronic Components Datasheet Search
  English  ▼

X  

STPS120L15 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS120L15
Description  15 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS120L15 Datasheet(HTML) 5 Page - STMicroelectronics

  STPS120L15 Datasheet HTML 1Page - STMicroelectronics STPS120L15 Datasheet HTML 2Page - STMicroelectronics STPS120L15 Datasheet HTML 3Page - STMicroelectronics STPS120L15 Datasheet HTML 4Page - STMicroelectronics STPS120L15 Datasheet HTML 5Page - STMicroelectronics STPS120L15 Datasheet HTML 6Page - STMicroelectronics STPS120L15 Datasheet HTML 7Page - STMicroelectronics STPS120L15 Datasheet HTML 8Page - STMicroelectronics STPS120L15 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
2.1
ISOTOP™ package information
•
Epoxy meets UL94, V0
•
Cooling method: by conduction (C)
•
Recommended torque value: 1.3 N·m
•
Maximum torque value: 1.5 N·m
STMicroelectronics strongly recommend the use of the screws delivered with this product.
The use of any other screws is entirely at the user's own risk and will invalidate the warranty.
Figure 8. ISOTOP™ package outline
G1
F1
S
D
P1
B
Ø P
E1
G D1
F
E
G2
A
C
A1
E2
M4 NUTS (×4)
C2
Gate
note 4
c
H
STPS120L15
Package information
DS1246 - Rev 7
page 5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com