Electronic Components Datasheet Search
  English  ▼

X  

STPS120L15 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS120L15
Description  15 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS120L15 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS120L15 Datasheet HTML 1Page - STMicroelectronics STPS120L15 Datasheet HTML 2Page - STMicroelectronics STPS120L15 Datasheet HTML 3Page - STMicroelectronics STPS120L15 Datasheet HTML 4Page - STMicroelectronics STPS120L15 Datasheet HTML 5Page - STMicroelectronics STPS120L15 Datasheet HTML 6Page - STMicroelectronics STPS120L15 Datasheet HTML 7Page - STMicroelectronics STPS120L15 Datasheet HTML 8Page - STMicroelectronics STPS120L15 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current (per diode)
0
10
20
30
40
50
60
70
0
2
4
6
8
10
12
14
16
18
20
T
=tp/T
tp
= 0.2
= 0.5
= 1
= 0.05
= 0.1
PF(AV)(W)
IF(AV)(A)
δ
δ
δ
δ
δ
δ
Figure 2. Average forward current versus ambient
temperature (δ = 1, per diode)
0
25
50
75
100
125
0
10
20
30
40
50
60
70
T
=tp/T
tp
IF(AV)(A)
Tamb(°C)
δ
Rth(j-a) = Rth(j-c)
Rth(j-a) = 2.5 °C/W
Figure 3. Normalized avalanche power derating versus
pulse duration (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 4. Relative variation of thermal impedance junction
to case versus pulse duration
1E -3
1E -2
1E -1
1E +0
1E +1
0. 1
0. 2
0. 5
1. 0
Single pulse
tp (s)
Zth(j-c)/Rth(j-c)
STPS120L15
Characteristics (curves)
DS1246 - Rev 7
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com