Electronic Components Datasheet Search
  English  ▼

X  

STPS120L15 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS120L15
Description  15 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS120L15 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS120L15 Datasheet HTML 1Page - STMicroelectronics STPS120L15 Datasheet HTML 2Page - STMicroelectronics STPS120L15 Datasheet HTML 3Page - STMicroelectronics STPS120L15 Datasheet HTML 4Page - STMicroelectronics STPS120L15 Datasheet HTML 5Page - STMicroelectronics STPS120L15 Datasheet HTML 6Page - STMicroelectronics STPS120L15 Datasheet HTML 7Page - STMicroelectronics STPS120L15 Datasheet HTML 8Page - STMicroelectronics STPS120L15 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 5. Reverse leakage current versus reverse voltage
applied (typical values per diode)
0.0
2.5
5.0
7.5
10.0
12.5
15.0
1E+0
1E+1
1E+2
1E+3
5E+3
Tj =100°C
Tj =70°C
Tj =25°C
VR(V)
IR(mA)
Figure 6. Junction capacitance versus reverse voltage
applied (typical values per diode)
1
5
10
20
1
2
5
10
20
C(nF)
F= 1 MHz
Tj=25°C
VR(V)
2
Figure 7. Forward voltage drop versus forward current (maximum values per diode)
0. 0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
500
Tj=100 °C
IFM
VFM
STPS120L15
Characteristics (curves)
DS1246 - Rev 7
page 4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com