Electronic Components Datasheet Search
  English  ▼

X  

STPS120L15 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS120L15
Description  15 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS120L15 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS120L15 Datasheet HTML 1Page - STMicroelectronics STPS120L15 Datasheet HTML 2Page - STMicroelectronics STPS120L15 Datasheet HTML 3Page - STMicroelectronics STPS120L15 Datasheet HTML 4Page - STMicroelectronics STPS120L15 Datasheet HTML 5Page - STMicroelectronics STPS120L15 Datasheet HTML 6Page - STMicroelectronics STPS120L15 Datasheet HTML 7Page - STMicroelectronics STPS120L15 Datasheet HTML 8Page - STMicroelectronics STPS120L15 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
A1
K1
A2
K2
ISOTOPTM
A2
K2
A1
K1
Features
•
Very low forward voltage drop
•
Avalanche capability
•
Insulated package ISOTOP:
–
Insulated voltage: 2500 VRMS sine
•
ECOPACK®2 compliant
Applications
•
OR-ing diode
•
Server
•
Telecom power
•
Heavy duty application
Description
Dual Schottky rectifier suited for SMPS and DC to DC power converters.
Packaged in ISOTOPTM, the STPS120L15 is especially intended for use as an OR-
ing diode in fault tolerant power supply equipments.
Note:
ISOTOPTM is an ST trademark.
Product status link
STPS120L15
Product summary
Symbol
Value
IF(AV)
2 x 60 A
VRRM
15 V
Tj (max.)
125 °C
VF (typ.)
0.27 V
15 V power Schottky rectifier
STPS120L15
Datasheet
DS1246 - Rev 7 - September 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS120L15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS120L15TV STMICROELECTRONICS-STPS120L15TV Datasheet
46Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
More results

Similar Description - STPS120L15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12TQPBF VISHAY-12TQPBF Datasheet
121Kb / 6P
Schottky Rectifier, 15 A
05-Jun-08
12TQS VISHAY-12TQS Datasheet
114Kb / 6P
Schottky Rectifier, 15 A
25-Jun-08
15TQ060 VISHAY-15TQ060 Datasheet
113Kb / 6P
Schottky Rectifier, 15 A
25-Jun-08
15TQ060S VISHAY-15TQ060S Datasheet
106Kb / 6P
Schottky Rectifier, 15 A
25-Jun-08
15TQ060PBF VISHAY-15TQ060PBF Datasheet
143Kb / 7P
Schottky Rectifier, 15 A
17-Apr-08
VS-15TQ060SPBF VISHAY-VS-15TQ060SPBF Datasheet
148Kb / 8P
Schottky Rectifier, 15 A
12-Mar-10
VS-12TQPBF VISHAY-VS-12TQPBF Datasheet
167Kb / 7P
Schottky Rectifier, 15 A
25-Aug-11
VS-12TQPBF VISHAY-VS-12TQPBF_V01 Datasheet
135Kb / 7P
Schottky Rectifier, 15 A
25-Aug-11
logo
STMicroelectronics
STPST15H100SB-Y STMICROELECTRONICS-STPST15H100SB-Y Datasheet
409Kb / 9P
Automotive 100 V - 15 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST15H100SB STMICROELECTRONICS-STPST15H100SB Datasheet
405Kb / 9P
100 V - 15 A DPAK power Schottky trench rectifier
16-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com