Electronic Components Datasheet Search
  English  ▼

X  

STPS3150UY Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS3150UY
Description  Automotive 150 V, 3 A power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150UY Datasheet(HTML) 5 Page - STMicroelectronics

  STPS3150UY Datasheet HTML 1Page - STMicroelectronics STPS3150UY Datasheet HTML 2Page - STMicroelectronics STPS3150UY Datasheet HTML 3Page - STMicroelectronics STPS3150UY Datasheet HTML 4Page - STMicroelectronics STPS3150UY Datasheet HTML 5Page - STMicroelectronics STPS3150UY Datasheet HTML 6Page - STMicroelectronics STPS3150UY Datasheet HTML 7Page - STMicroelectronics STPS3150UY Datasheet HTML 8Page - STMicroelectronics STPS3150UY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
SMB package information
•
Epoxy meets UL94, V0
•
Lead-free package
Figure 9. SMB package outline
E1
E
D
C
L
A1
A2
b
STPS3150-Y
Package information
DS7256 - Rev 2
page 5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com