Electronic Components Datasheet Search
  English  ▼

X  

STPS3150UY Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS3150UY
Description  Automotive 150 V, 3 A power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150UY Datasheet(HTML) 4 Page - STMicroelectronics

  STPS3150UY Datasheet HTML 1Page - STMicroelectronics STPS3150UY Datasheet HTML 2Page - STMicroelectronics STPS3150UY Datasheet HTML 3Page - STMicroelectronics STPS3150UY Datasheet HTML 4Page - STMicroelectronics STPS3150UY Datasheet HTML 5Page - STMicroelectronics STPS3150UY Datasheet HTML 6Page - STMicroelectronics STPS3150UY Datasheet HTML 7Page - STMicroelectronics STPS3150UY Datasheet HTML 8Page - STMicroelectronics STPS3150UY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 7. Forward voltage drop versus forward current
I (A)
F
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V (V)
F
Tj = 25 °C
(maximum values)
Tj = 125 °C
(typical values)
Tj = 125 °C
(maximum values)
Figure 8. Thermal resistance junction to ambient versus
copper surface under each lead (SMB)(typical values)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
SMB
S(Cu)(cm²)
Epoxy p ri nted ci rcuit board FR4, coppe r t hickness: 35 µm
STPS3150-Y
Characteristics (curves)
DS7256 - Rev 2
page 4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com