Electronic Components Datasheet Search
  English  ▼

X  

STPS3150UY Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS3150UY
Description  Automotive 150 V, 3 A power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150UY Datasheet(HTML) 3 Page - STMicroelectronics

  STPS3150UY Datasheet HTML 1Page - STMicroelectronics STPS3150UY Datasheet HTML 2Page - STMicroelectronics STPS3150UY Datasheet HTML 3Page - STMicroelectronics STPS3150UY Datasheet HTML 4Page - STMicroelectronics STPS3150UY Datasheet HTML 5Page - STMicroelectronics STPS3150UY Datasheet HTML 6Page - STMicroelectronics STPS3150UY Datasheet HTML 7Page - STMicroelectronics STPS3150UY Datasheet HTML 8Page - STMicroelectronics STPS3150UY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
PF(AV)(W)
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IF(AV)(A)
= 0.05
= 0.2
= 0.1
= 0.
= 1
T
=tp/T
tp
Figure 2. Average forward current versus ambient
temperature (δ = 0.5)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
5 0
7 5
100
125
150
17 5
IF(AV)(A)
Rth(j-a)=Rth(j-l)
SMB
Tamb (°C)
T
=tp/T
tp
δ
Figure 3. Normalized avalanche power derating versus
pulse duration (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 4. Relative variation of thermal impedance junction
to ambient versus pulse duration (SMB)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Zth(j-a)/Rth(j-a)
tp(s)
SMB
Single pulse
Figure 5. Reverse leakage current versus reverse voltage
applied (typical values)
IR(µA)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
25
50
75
100
125
150
V (V)
R
Tj = 125 °C
Tj = 150 °C
Tj = 100 °C
Tj = 50 °C
Tj = 25 °C
Tj = 75 °C
Figure 6. Junction capacitance versus reverse voltage
applied (typical values)
C(pF)
10
100
1000
1
1 0
100
1000
F = 1 MHz
V
= 30 mV
OSC
RMS
Tj = 25 °C
V (V)
R
STPS3150-Y
Characteristics (curves)
DS7256 - Rev 2
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com