Electronic Components Datasheet Search
  English  ▼

X  

STPS3150UY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS3150UY
Description  Automotive 150 V, 3 A power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150UY Datasheet(HTML) 1 Page - STMicroelectronics

  STPS3150UY Datasheet HTML 1Page - STMicroelectronics STPS3150UY Datasheet HTML 2Page - STMicroelectronics STPS3150UY Datasheet HTML 3Page - STMicroelectronics STPS3150UY Datasheet HTML 4Page - STMicroelectronics STPS3150UY Datasheet HTML 5Page - STMicroelectronics STPS3150UY Datasheet HTML 6Page - STMicroelectronics STPS3150UY Datasheet HTML 7Page - STMicroelectronics STPS3150UY Datasheet HTML 8Page - STMicroelectronics STPS3150UY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
A
K
K
A
SMB
Features
•
AEC-Q101 qualified
•
Negligible switching losses
•
Low forward voltage drop for higher efficiency and extended battery life
•
Surface mount miniature package
•
Low thermal resistance
•
ECOPACK2 component
Applications
•
DC / DC converter
•
Reverse polarity protection
•
Freewheeling diodes
•
Switching diode
Description
Packaged in SMB, this device is intended for use in automotive applications where
low drop forward voltage is required to reduce power dissipation.
Product status
STPS3150-Y
Product summary
Symbol
Value
IF(AV)
3 A
VRRM
150 V
T j(max.)
175 °C
VF(typ.)
0.63 V
Automotive 150 V, 3 A power Schottky rectifier
STPS3150-Y
Datasheet
DS7256 - Rev 2 - January 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS3150UY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
Automotive power Schottky rectifier
03-Nov-2011
More results

Similar Description - STPS3150UY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
STPS630CSFY STMICROELECTRONICS-STPS630CSFY Datasheet
318Kb / 9P
Automotive 30 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS640CSFY STMICROELECTRONICS-STPS640CSFY Datasheet
318Kb / 9P
Automotive 40 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS3150 STMICROELECTRONICS-STPS3150_V01 Datasheet
392Kb / 16P
150 V, 3 A power Schottky rectifier
October 2019
STPS3170 STMICROELECTRONICS-STPS3170_V01 Datasheet
383Kb / 13P
170 V, 3 A power Schottky rectifier
October 2019
STPS40150C-Y STMICROELECTRONICS-STPS40150C-Y Datasheet
233Kb / 9P
Automotive 150 V, 2 x 20 A high voltage power Schottky rectifier
December 2018 Rev 3
STPS40150C STMICROELECTRONICS-STPS40150C Datasheet
519Kb / 15P
150 V power Schottky rectifier
June 2018 Rev 2
STPS61150C STMICROELECTRONICS-STPS61150C Datasheet
404Kb / 10P
150 V power Schottky rectifier
June 2018 Rev 2
STPS80150C STMICROELECTRONICS-STPS80150C Datasheet
202Kb / 10P
150 V power Schottky rectifier
07-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com