Electronic Components Datasheet Search
  English  ▼

X  

A21SP16 Datasheet(PDF) 1 Page - STMicroelectronics

Part # A21SP16
Description  3 W filter-free class-D audio power amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A21SP16 Datasheet(HTML) 1 Page - STMicroelectronics

  A21SP16 Datasheet HTML 1Page - STMicroelectronics A21SP16 Datasheet HTML 2Page - STMicroelectronics A21SP16 Datasheet HTML 3Page - STMicroelectronics A21SP16 Datasheet HTML 4Page - STMicroelectronics A21SP16 Datasheet HTML 5Page - STMicroelectronics A21SP16 Datasheet HTML 6Page - STMicroelectronics A21SP16 Datasheet HTML 7Page - STMicroelectronics A21SP16 Datasheet HTML 8Page - STMicroelectronics A21SP16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
This is information on a product in full production.
July 2020
DocID026037 Rev 2
1/37
A21SP16
3 W filter-free class-D audio power amplifier
Datasheet
- production data
Features
 Operating from VCC = 2.4 V to 5.5 V
 Standby mode active low
 Output power: 3 W into 4  and 1.75 W into 8 
with 10% THD+N max and 5 V power supply
 Output power: 2.3 W @ 5 V or 0.75 W @ 3 V
into 4
with 1% THD+N max
 Output power: 1.4 W @ 5 V or 0.45 W @ 3 V
into 8
with 1% THD+N max
 Adjustable gain via external resistors
 Low current consumption 2 mA @ 3 V
 Efficiency: 88% typ.
 Signal to noise ratio: 85 dB typ.
 PSRR: 63 dB typ. @ 217 Hz with 6 dB gain
 PWM base frequency: 250 kHz
 Low pop & click noise
 Thermal shutdown protection
 Available in flip-chip 9 x 300 m (Pb-free)
Applications
 Wearable
 Fitness and healthcare
 Cellular phone
 PDA
Description
The A21SP16 is a differential class-D BTL power
amplifier. It is able to drive up to 2.3 W into a 4
load and 1.4 W into a 8
 load at 5 V. It achieves
outstanding efficiency (88% typ.) compared to
classical Class-AB audio amps.
The gain of the device can be controlled via two
external gain-setting resistors. Pop & click
reduction circuitry provides low on/off switch
noise while allowing the device to start within 5
ms. A standby function (active low) allows the
reduction of current consumption to 10 nA typ.
V
DD
1/A1
7/C1
8/C2
9/C3
4/B1
6/B3
2/A2
3/A3
5/B2
V
DD
IN
-
IN
+
GND
STBY
GND
OUT
+
OUT
-
V
DD
1/A1
7/C1
8/C2
9/C3
4/B1
6/B3
2/A2
3/A3
5/B2
V
DD
IN
-
IN
+
GND
STBY
GND
OUT
+
OUT
-
Pin connection
IN+: positive differential input
IN-: negative differential input
VDD: analog power supply
GND: power supply ground
STBY: standby pin (active low)
OUT+: positive differential output
OUT-: negative differential output
In-
Stdby
In+
Out-
Out+
Vcc
C2
C1
A1
A2
A3
B1
B2
B3
C3
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
Block diagram
Table 1. Device summary
Order codes
Temperature range
Package
Packaging
Marking
A21SP16J
-40 °C to +85 °C
Lead-free flip-chip
Tape & reel
62
www.st.com


Similar Part No. - A21SP16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
Thermal shutdown protection
06-Mar-2014
More results

Similar Description - A21SP16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com