Electronic Components Datasheet Search
  English  ▼

X  

A21SP16 Datasheet(PDF) 3 Page - STMicroelectronics

Part # A21SP16
Description  3 W filter-free class-D audio power amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A21SP16 Datasheet(HTML) 3 Page - STMicroelectronics

  A21SP16 Datasheet HTML 1Page - STMicroelectronics A21SP16 Datasheet HTML 2Page - STMicroelectronics A21SP16 Datasheet HTML 3Page - STMicroelectronics A21SP16 Datasheet HTML 4Page - STMicroelectronics A21SP16 Datasheet HTML 5Page - STMicroelectronics A21SP16 Datasheet HTML 6Page - STMicroelectronics A21SP16 Datasheet HTML 7Page - STMicroelectronics A21SP16 Datasheet HTML 8Page - STMicroelectronics A21SP16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
DocID026037 Rev 2
3/37
A21SP16
Absolute maximum ratings
37
1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1), (2)
1. Caution: This device is not protected in the event of abnormal operating conditions, such as for example,
short-circuiting between any one output pin and ground, between any one output pin and VCC, and
between individual output pins.
2. All voltage values are measured with respect to the ground pin.
6V
Vin
Input voltage (3)
3. The magnitude of the input signal must never exceed VCC + 0.3V / GND - 0.3V.
GND to VCC
V
Toper
Operating free-air temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (4)
4. The device is protected in case of over temperature by a thermal shutdown active @ 150°C.
200
°C/W
Pdiss
Power dissipation
Internally limited(5)
5. Exceeding the power derating curves during a long period causes abnormal operation.
ESD
Human body model
2
kV
ESD
Machine model
200
V
Latch-up
Latch-up immunity
200
mA
VSTBY
Standby pin voltage maximum voltage (6)
6. The magnitude of the standby signal must never exceed VCC + 0.3V / GND - 0.3V.
GND to VCC
V
Lead temperature (soldering, 10 sec)
260
°C
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1. For VCC from 2.4V to 2.5V, the operating temperature range is reduced to 0°C  Tamb  70°C.
2.4 to 5.5
V
VIC
Common mode input voltage range(2)
2. For VCC from 2.4V to 2.5V, the common mode input range must be set at VCC/2.
0.5 to VCC - 0.8
V
VSTBY
Standby voltage input: (3)
Device ON
Device OFF
3. Without any signal on VSTBY, the device will be in standby.
1.4
 VSTBY  VCC
GND
 VSTBY  0.4
(4)
4. Minimum current consumption is obtained when VSTBY = GND.
V
RL
Load resistor
 4
Rthja
Thermal resistance junction to ambient (5)
5. With heat sink surface
= 125mm2.
90
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com