Electronic Components Datasheet Search
  English  ▼

X  

A21SP16 Datasheet(PDF) 15 Page - STMicroelectronics

Part # A21SP16
Description  3 W filter-free class-D audio power amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A21SP16 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button A21SP16 Datasheet HTML 11Page - STMicroelectronics A21SP16 Datasheet HTML 12Page - STMicroelectronics A21SP16 Datasheet HTML 13Page - STMicroelectronics A21SP16 Datasheet HTML 14Page - STMicroelectronics A21SP16 Datasheet HTML 15Page - STMicroelectronics A21SP16 Datasheet HTML 16Page - STMicroelectronics A21SP16 Datasheet HTML 17Page - STMicroelectronics A21SP16 Datasheet HTML 18Page - STMicroelectronics A21SP16 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
DocID026037 Rev 2
15/37
A21SP16
Electrical characteristics
37
Table 10. VCC = +2.4V, GND = 0V, VIC = 2.5V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
1.7
mA
ISTBY
Standby current (1)
No input signal, VSTBY = GND
10
nA
VOO
Output offset voltage
No input signal, RL =8
3mV
Pout
Output power
G=6dB
THD = 1% max, F = 1kHz, RL =4
THD = 10% max, F = 1kHz, RL =4
THD = 1% max, F = 1kHz, RL =8
THD = 10% max, F = 1kHz, RL =8
0.48
0.65
0.3
0.38
W
THD + N
Total harmonic
distortion + noise
Pout =200mWRMS, G = 6dB, 20Hz < F< 20kHz
RL =8 + 15µH, BW < 30kHz
1
%
Efficiency Efficiency
Pout = 0.38WRMS, RL =4 +  15µH
Pout = 0.25WRMS, RL =8+  15µH
77
86
%
CMRR
Common mode
rejection ratio
F = 217Hz, RL =8, G = 6dB,
DVicm = 200mVpp
54
dB
Gain
Gain value
Rin in k
V/V
RSTBY
Internal resistance
from Standby to GND
273
300
327
k
FPWM
Pulse width modulator
base frequency
250
kHz
SNR
Signal to noise ratio
A Weighting, Pout = 1.2W, RL =8
80
dB
tWU
Wake-up time
5
ms
tSTBY
Standby time
5
ms
VN
Output voltage noise
F = 20Hz to 20kHz, G = 6dB
Unweighted RL =4
A-weighted RL =4
85
60
VRMS
Unweighted RL =8
A-weighted RL =8
86
62
Unweighted RL =4+ 15µH
A-weighted RL =4+ 15µH
76
56
Unweighted RL =4+ 30µH
A-weighted RL =4+ 30µH
82
60
Unweighted RL =8+ 30µH
A-weighted RL =8 + 30µH
67
53
Unweighted RL =4+ Filter
A-weighted RL =4+ Filter
78
57
Unweighted RL =4+ Filter
A-weighted RL =4+ Filter
74
54
1. Standby mode is active when VSTBY is tied to GND.
273k
R
in
------------------
300k
Rin
------------------
327k
Rin
------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com