Electronic Components Datasheet Search
  English  ▼

X  

A21SP16 Datasheet(PDF) 10 Page - STMicroelectronics

Part # A21SP16
Description  3 W filter-free class-D audio power amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A21SP16 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button A21SP16 Datasheet HTML 6Page - STMicroelectronics A21SP16 Datasheet HTML 7Page - STMicroelectronics A21SP16 Datasheet HTML 8Page - STMicroelectronics A21SP16 Datasheet HTML 9Page - STMicroelectronics A21SP16 Datasheet HTML 10Page - STMicroelectronics A21SP16 Datasheet HTML 11Page - STMicroelectronics A21SP16 Datasheet HTML 12Page - STMicroelectronics A21SP16 Datasheet HTML 13Page - STMicroelectronics A21SP16 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical characteristics
A21SP16
10/37
DocID026037 Rev 2
VN
Output voltage noise
F = 20Hz to 20kHz, G = 6dB
Unweighted RL =4
A-weighted RL =4
83
57
VRMS
Unweighted RL =8
A-weighted RL =8
83
61
Unweighted RL =4 + 15µH
A-weighted RL =4+ 15µH
81
58
Unweighted RL =4+ 30µH
A-weighted RL =4 + 30µH
87
62
Unweighted RL =8 + 30µH
A-weighted RL =8+ 30µH
77
56
Unweighted RL =4 + Filter
A-weighted RL =4 + Filter
85
63
Unweighted RL =4 + Filter
A-weighted RL =4 + Filter
80
57
1. All electrical values are guaranteed with correlation measurements at 2.5V and 5V.
2. Standby mode is active when VSTBY is tied to GND.
3. Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the superimposed sinusoidal signal to VCC @ F = 217Hz.
Table 7. VCC = +3.6V, GND = 0V, VIC = 2.5V, Tamb = 25°C (unless otherwise specified)(1) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com