Electronic Components Datasheet Search
  English  ▼

X  

TLV716 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV716
Description  TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV716 Datasheet(HTML) 2 Page - Texas Instruments

  TLV716 Datasheet HTML 1Page - Texas Instruments TLV716 Datasheet HTML 2Page - Texas Instruments TLV716 Datasheet HTML 3Page - Texas Instruments TLV716 Datasheet HTML 4Page - Texas Instruments TLV716 Datasheet HTML 5Page - Texas Instruments TLV716 Datasheet HTML 6Page - Texas Instruments TLV716 Datasheet HTML 7Page - Texas Instruments TLV716 Datasheet HTML 8Page - Texas Instruments TLV716 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TLV716, TLV716P
SBVS217B – JUNE 2013 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 12
8.1
Application Information............................................ 12
2
Applications ........................................................... 1
8.2
Typical Application .................................................. 12
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 13
4
Revision History..................................................... 2
10
Layout................................................................... 14
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 14
6
Specifications......................................................... 4
10.2
Layout Example .................................................... 14
6.1
Absolute Maximum Ratings ..................................... 4
10.3
Thermal Considerations ........................................ 14
6.2
ESD Ratings.............................................................. 4
10.4
Power Dissipation ................................................. 14
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 16
6.4
Thermal Information .................................................. 4
11.1
Related Links ........................................................ 16
6.5
Electrical Characteristics........................................... 5
11.2
Community Resources.......................................... 16
6.6
Typical Characteristics .............................................. 6
11.3
Trademarks ........................................................... 16
7
Detailed Description ............................................ 10
11.4
Electrostatic Discharge Caution ............................ 16
7.1
Overview ................................................................. 10
11.5
Glossary ................................................................ 16
7.2
Functional Block Diagram ....................................... 10
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 11
Information ........................................................... 16
7.4
Device Functional Modes........................................ 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (September 2013) to Revision B
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
•
Deleted (LDO) from title.......................................................................................................................................................... 1
•
Changed Accuracy bullet from 1% to 1.5% and added temperature range (–40°C to 125°C) ............................................. 1
Changes from Original (June 2013) to Revision A
Page
•
Changed document status from Product Preview to Production Data; pre-RTM changes made throughout........................ 1
•
Changed junction temperature range in second paragraph of Overview section ................................................................ 10
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV716 TLV716P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com