Electronic Components Datasheet Search
  English  ▼

X  

TLV716 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV716
Description  TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV716 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV716 Datasheet HTML 8Page - Texas Instruments TLV716 Datasheet HTML 9Page - Texas Instruments TLV716 Datasheet HTML 10Page - Texas Instruments TLV716 Datasheet HTML 11Page - Texas Instruments TLV716 Datasheet HTML 12Page - Texas Instruments TLV716 Datasheet HTML 13Page - Texas Instruments TLV716 Datasheet HTML 14Page - Texas Instruments TLV716 Datasheet HTML 15Page - Texas Instruments TLV716 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
IN
EN1
EN2
GND
OUT1
OUT2
ON
OFF ON
OFF
V
IN
C
IN
(1)
C
1 F
Ceramic
m
OUT1
(1)
C
1 F
Ceramic
m
OUT2
(1)
V
OUT1
V
OUT2
TLV716, TLV716P
SBVS217B – JUNE 2013 – REVISED NOVEMBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLV716 and TLV716P belong to a family of dual-channel, capacitor-free, 150-mA, low-dropout voltage
(LDO) regulators. These devices can be used with or without external capacitors and are available in a 1.2-mm ×
1.2-mm package, making these devices a very small solution size for dual-channel, low-dropout (LDO)
regulators. This family of LDO regulators offers current limit and thermal protection, and is specified from –40°C
to 85°C. Figure 24 shows an application circuit for this family of devices.
8.2 Typical Application
(1)
Optional.
Figure 24. Typical Application Circuit
8.2.1 Design Requirements
Table 1 lists the design requirements.
Table 1. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
4.2 V to 3 V (Lithium Ion battery)
Output 1 voltage
2.8 V ±1.5%
Output 1 DC current
50 mA
Output 2 voltage
1.8 V ±1.5%
Output2 DC current
10 mA
Maximum ambient temperature
65°C
8.2.2 Detailed Design Procedure
An input capacitor is not required for this design because of the low impedance connection directly to the battery.
No output capacitor allows for the minimal possible inrush current during start-up, ensuring the 180-mA
maximum input current limit is not exceeded. Verify that the maximum junction temperature is not exceeded by
calculating the total power dissipation and the junction temperature rise. For this example the total worst case
power dissipation is (4.2 V - 2.8 V) × 0.05 A + (4.2 V - 1.8 V) × 0.01 = 0.094 W. The rise in junction temperature
is calculated by multiplying the power dissipation by thermal resistance RθJA. For this example, assuming the
board size is similar to the JEDEC High K standard, the rise in junction temperature is 0.094 W × 149.3 °C/W =
14°C. The junction temperature is calculated by adding the rise in junction temperature to the maximum ambient
temperature; in this example the maximum junction temperature can be calculated to be 65°C + 14°C = 79°C. It
is mandatary to keep the junction temperature below the maximum operating junction temperature. For additional
thermal information see the Thermal Considerations and Power Dissipation sections.
12
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV716 TLV716P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com