Electronic Components Datasheet Search
  English  ▼

X  

TLV716 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV716
Description  TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV716 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV716 Datasheet HTML 9Page - Texas Instruments TLV716 Datasheet HTML 10Page - Texas Instruments TLV716 Datasheet HTML 11Page - Texas Instruments TLV716 Datasheet HTML 12Page - Texas Instruments TLV716 Datasheet HTML 13Page - Texas Instruments TLV716 Datasheet HTML 14Page - Texas Instruments TLV716 Datasheet HTML 15Page - Texas Instruments TLV716 Datasheet HTML 16Page - Texas Instruments TLV716 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
0
10
20
30
40
50
60
70
80
90
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
IOUT = 10 mA
IOUT = 50 mA
IOUT = 150 mA
C012
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VOUT = 3.3 V
VOUT = 1.0 V
C013
TLV716, TLV716P
www.ti.com
SBVS217B – JUNE 2013 – REVISED NOVEMBER 2015
8.2.2.1 Input and Output Capacitor Requirements
The TLV716 and TLV716P uses an advanced internal control loop to obtain stable operation both with or without
the use of input or output capacitors. If an output capacitor is used the device can support values as high as 100-
µF. The dynamic performance of the device is improved with the use of an output capacitor. An output
capacitance of 0.1
μF or larger generally provides good dynamic response. X5R- and X7R-type ceramic
capacitors are recommended because these capacitors have minimal variation in value and equivalent series
resistance (ESR) over temperature.
Although an input capacitor is not required for stability, good analog design practice is to connect a 0.1-µF to
1-µF capacitor from IN to GND. This capacitor counteracts input source impedance and improves supply
transient response, input ripple, and PSRR. A higher value capacitor may be necessary if large, fast, rise-time
load transients are anticipated or if the device is located several inches from the input power source.
8.2.2.2 Dropout Voltage
The TLV716 and TLV716P use a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than
the dropout voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output
resistance is the RDS(ON) of the PMOS pass element. VDO scales approximately with the output current because
the PMOS device behaves like a resistor in dropout.
As with any linear regulator, PSRR and transient response are degraded as (VIN – VOUT) approaches dropout.
8.2.3 Application Curves
Figure 25. Power-Supply Rejection Ratio vs Frequency
Figure 26. Output Spectral Noise Density
(VOUT = 3.3 V)
9 Power Supply Recommendations
These devices are designed to operate from an input voltage supply range from 1.4 V to 5.5 V. The input voltage
range must provide adequate headroom for the device to have a regulated output. This input supply must be
well-regulated and stable. If the input supply is noisy, additional input capacitors with low ESR can help improve
the output noise performance.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TLV716 TLV716P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com