Electronic Components Datasheet Search
  English  ▼

X  

TLV716 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV716
Description  TLV716/P Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator in 1.2-mm × 1.2-mm SON Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV716 Datasheet(HTML) 4 Page - Texas Instruments

  TLV716 Datasheet HTML 1Page - Texas Instruments TLV716 Datasheet HTML 2Page - Texas Instruments TLV716 Datasheet HTML 3Page - Texas Instruments TLV716 Datasheet HTML 4Page - Texas Instruments TLV716 Datasheet HTML 5Page - Texas Instruments TLV716 Datasheet HTML 6Page - Texas Instruments TLV716 Datasheet HTML 7Page - Texas Instruments TLV716 Datasheet HTML 8Page - Texas Instruments TLV716 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TLV716, TLV716P
SBVS217B – JUNE 2013 – REVISED NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
at TJ = –40°C to 125°C, unless otherwise noted.
(1)
MIN
MAX
UNIT
IN
–0.3
6
V
Voltage (2)
EN1, EN2
–0.3
VIN + 0.3
V
OUT1, OUT2
–0.3
3.6 or VIN + 0.3
V
Current, OUT1, OUT2
–30
Internally limited
mA
Output short circuit duration
Indefinite
s
TJ
Operating junction temperature
–55
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins (1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±500
pins (2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VIN
Input voltage
1.4
5.5
V
VEN
Enable range: VEN1, VEN2
0
VIN
V
IOUT
Output current: IOUT1, IOUT2
0
150
mA
CIN
Input capacitor
0
1
µF
COUT
Output capacitor: COUT1, COUT2
0
0.1
100
µF
TJ
Operating junction temperature range
–40
125
°C
6.4 Thermal Information
TLV716, TLV716P
THERMAL METRIC (1)
DPQ (X2SON)
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance
149.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
93
°C/W
RθJB
Junction-to-board thermal resistance
110.1
°C/W
ψJT
Junction-to-top characterization parameter
3.4
°C/W
ψJB
Junction-to-board characterization parameter
114.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
91
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV716 TLV716P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com