Electronic Components Datasheet Search
  English  ▼

X  

2908856 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2908856
Description  MACX MCR-EX-SL-RPSSI-2I-1S-SP - Repeater power supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908856 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2908856 Datasheet HTML 1Page - PHOENIX CONTACT 2908856 Datasheet HTML 2Page - PHOENIX CONTACT 2908856 Datasheet HTML 3Page - PHOENIX CONTACT 2908856 Datasheet HTML 4Page - PHOENIX CONTACT 2908856 Datasheet HTML 5Page - PHOENIX CONTACT 2908856 Datasheet HTML 6Page - PHOENIX CONTACT 2908856 Datasheet HTML 7Page - PHOENIX CONTACT 2908856 Datasheet HTML 8Page - PHOENIX CONTACT 2908856 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Designation
Signal conditioner operation
Nominal supply voltage
24 V DC -20 % ... +25 %
Supply voltage range
19.2 V DC ... 30 V DC
Max. current consumption
< 46 mA (24 V DC / 20 mA)
Power dissipation
< 1.1 W (24 V DC/20 mA)
Input data
Signal: Repeater power supply operation
Description of the input
Repeater power supply operation
Number of inputs
1
Current input signal
4 mA ... 20 mA
> 16 V (20 mA)
Transmitter supply voltage
> 15.1 V (23 mA)
Polarization and surge protection
Yes
Underload/overload signal range
0 mA ... 24 mA (Extended transmission range for diagnostics)
Signal: Signal conditioner operation
Description of the input
Signal conditioner operation
0 mA ... 20 mA
Current input signal
4 mA ... 20 mA
Voltage drop
approx. 3.9 V (in input isolating amplifier operation)
Underload/overload signal range
0 mA ... 24 mA (Extended transmission range for diagnostics)
Output data
Signal: Repeater power supply operation
Output description
Repeater power supply operation
Number of outputs
2
Current output signal
4 mA ... 20 mA (Output 1 and output 2 active)
< 450 Ω (20 mA)
Load/output load current output
< 380 Ω (23 mA)
Output ripple
< 20 mVrms
0 mA (Cable break in the input)
Output behavior in the event of an error
≥ 23 mA (Cable short-circuit in the input)
Underload/overload signal range
0 mA ... 24 mA (Extended transmission range for diagnostics)
Signal: Signal conditioner operation
Output description
Signal conditioner operation
0 mA ... 20 mA (active)
Current output signal
4 mA ... 20 mA (active)
< 450 Ω (20 mA)
Load/output load current output
< 380 Ω (23 mA)
Output ripple
< 20 mVrms
0 mA (Cable break in the input)
Output behavior in the event of an error
0 mA (Cable short-circuit in the input)
MACX MCR-EX-SL-RPSSI-2I-1S-SP - Repeater power
supply
2908856
https://www.phoenixcontact.com/us/products/2908856
Nov 10, 2025, 12:23AM
Page 3 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com