Electronic Components Datasheet Search
  English  ▼

X  

2908856 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2908856
Description  MACX MCR-EX-SL-RPSSI-2I-1S-SP - Repeater power supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908856 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2908856 Datasheet HTML 1Page - PHOENIX CONTACT 2908856 Datasheet HTML 2Page - PHOENIX CONTACT 2908856 Datasheet HTML 3Page - PHOENIX CONTACT 2908856 Datasheet HTML 4Page - PHOENIX CONTACT 2908856 Datasheet HTML 5Page - PHOENIX CONTACT 2908856 Datasheet HTML 6Page - PHOENIX CONTACT 2908856 Datasheet HTML 7Page - PHOENIX CONTACT 2908856 Datasheet HTML 8Page - PHOENIX CONTACT 2908856 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Technical data
Product properties
Product type
Repeater power supply
Product family
MACX Analog
No. of channels
1
Electrical properties
Electrical isolation between input and output
yes
Signal transmission behavior
In = Out
1.3 ms (Output 1, for jump 4 mA ... 20 mA, typical)
Step response (10-90%)
< 100 ms (Output 2, for jump 4 mA ... 20 mA)
Maximum temperature coefficient
< 0.01 %/K
Maximum transmission error
< 0.1 % (of final value 20 mA)
Transmission error, typical
< 0.05 % (of final value 20 mA)
Electrical isolation
Overvoltage category
II
Pollution degree
2
Electrical isolation Input/output/power supply IEC/EN 61010-1
Standards/regulations
IEC/EN 61010-1
Rated insulation voltage
300 Vrms
Test voltage
2.5 kV AC (50 Hz, 60 s)
Insulation
Safe isolation
Electrical isolation Input/output IEC/EN 60079-11
Standards/regulations
IEC/EN 60079-11
Rated insulation voltage
265 Vrms
Electrical isolation Input/power supply IEC/EN 60079-11
Standards/regulations
IEC/EN 60079-11
Rated insulation voltage
265 Vrms
Electrical isolation Output 1/output 2
Test voltage
1.5 kV AC (50 Hz, 60 s)
Supply
Designation
Repeater power supply operation
Nominal supply voltage
24 V DC -20 % ... +25 %
Supply voltage range
19.2 V DC ... 30 V DC
Max. current consumption
< 75 mA (24 V DC / 20 mA)
Power dissipation
< 1.45 W (24 V DC / 20 mA)
Power consumption
≤ 1.8 W
Supply
MACX MCR-EX-SL-RPSSI-2I-1S-SP - Repeater power
supply
2908856
https://www.phoenixcontact.com/us/products/2908856
Nov 10, 2025, 12:23AM
Page 2 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com