Electronic Components Datasheet Search
  English  ▼

X  

2908856 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2908856
Description  MACX MCR-EX-SL-RPSSI-2I-1S-SP - Repeater power supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908856 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2908856 Datasheet HTML 1Page - PHOENIX CONTACT 2908856 Datasheet HTML 2Page - PHOENIX CONTACT 2908856 Datasheet HTML 3Page - PHOENIX CONTACT 2908856 Datasheet HTML 4Page - PHOENIX CONTACT 2908856 Datasheet HTML 5Page - PHOENIX CONTACT 2908856 Datasheet HTML 6Page - PHOENIX CONTACT 2908856 Datasheet HTML 7Page - PHOENIX CONTACT 2908856 Datasheet HTML 8Page - PHOENIX CONTACT 2908856 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ex i-Measuring transducer repeater power supply and input signal conditioner, only output 1 is
HART-transparent. Transmits supplied or active electrically isolated signals from the Ex area to
two loads. number of channels: 1, HART-transparent, Standard configuration, Safety Integrity
Level (SIL, IEC 61508): 2, Performance Level (ISO 13849): d / KAT 2, Systematic Capability: 3,
Push-in connection
Commercial data
Item number
2908856
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
C430
Product key
DK1211
GTIN
4055626352183
Weight per piece (including packing)
250 g
Weight per piece (excluding packing)
175 g
Customs tariff number
85437090
Country of origin
DE
MACX MCR-EX-SL-RPSSI-2I-1S-SP - Repeater power
supply
2908856
https://www.phoenixcontact.com/us/products/2908856
Nov 10, 2025, 12:23AM
Page 1 (14)


Similar Part No. - 2908856

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908855 PHOENIX-2908855 Datasheet
508Kb / 14P
MACX MCR-EX-SL-RPSSI-2I-1S - Repeater power supply
2908859 PHOENIX-2908859 Datasheet
991Kb / 21P
Front adapters - VIP-PA-PWR/36XOE/ 1,0M/1756
Oct 17, 2022
More results

Similar Description - 2908856

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2904959 PHOENIX-2904959 Datasheet
84Kb / 5P
Repeater power supply - MACX PL-EX-RPSSI-2I
2904960 PHOENIX-2904960 Datasheet
75Kb / 6P
Repeater power supply - MACX PL-EX-RPSSI-2I-SP
2904962 PHOENIX-2904962 Datasheet
75Kb / 5P
Repeater power supply - MACX PL-RPSSI-2I-SP
2904964 PHOENIX-2904964 Datasheet
73Kb / 5P
Repeater power supply - MACX PL-EX-RPSS-2I-2I-SP
2924207 PHOENIX-2924207 Datasheet
96Kb / 5P
Repeater power supply - MACX MCR-SL-RPSSI-I-SP
2924210 PHOENIX-2924210 Datasheet
99Kb / 5P
Repeater power supply - MACX MCR-SL-RPSSI-I-UP-SP
2924838 PHOENIX-2924838 Datasheet
88Kb / 6P
Repeater power supply - MACX MCR-SL-RPSSI-2I-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
106034 PHOENIX-106034 Datasheet
438Kb / 16P
MACX MCR-EX-SL-RPSSI-2I(-SP)
2924825 PHOENIX-2924825 Datasheet
353Kb / 12P
Repeater power supply - MACX MCR-SL-RPSSI-2I
02/04/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com