Electronic Components Datasheet Search
  English  ▼

X  

2908856 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2908856
Description  MACX MCR-EX-SL-RPSSI-2I-1S-SP - Repeater power supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908856 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2908856 Datasheet HTML 1Page - PHOENIX CONTACT 2908856 Datasheet HTML 2Page - PHOENIX CONTACT 2908856 Datasheet HTML 3Page - PHOENIX CONTACT 2908856 Datasheet HTML 4Page - PHOENIX CONTACT 2908856 Datasheet HTML 5Page - PHOENIX CONTACT 2908856 Datasheet HTML 6Page - PHOENIX CONTACT 2908856 Datasheet HTML 7Page - PHOENIX CONTACT 2908856 Datasheet HTML 8Page - PHOENIX CONTACT 2908856 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Underload/overload signal range
0 mA ... 24 mA (Extended transmission range for diagnostics)
Connection data
Connection method
Push-in connection
Stripping length
10 mm
Conductor cross-section rigid
0.2 mm² ... 2.5 mm²
Conductor cross-section flexible
0.2 mm² ... 2.5 mm²
0.25 mm² ... 0.34 mm² (TWIN ferrule without plastic sleeve)
Conductor cross-section flexible (2 conductors with same cross
section)
0.5 mm² ... 1.5 mm² (TWIN ferrule with plastic sleeve)
24 ... 14
24 ... 22 (TWIN ferrule without plastic sleeve)
Conductor cross-section AWG
20 ... 16 (TWIN ferrule with plastic sleeve)
Test socket
Max. diameter
2 mm
Ex data
Gc
Ex installation (EPL)
Div. 2
Ga
Da
Ma
Ex i circuits (EPL)
Div. 1
Safety data: Repeater power supply operation
Max. output voltage Uo
25.2 V
Max. output current Io
93 mA
Max. output power Po
587 mW
253 V AC
Safety-related maximum voltage Um
125 V DC
I (simple circuit): Max. external inductivity Lo / Max. external
capacitance Co
40 mH / 4.8 µF
IIA (simple circuit): Max. external inductivity Lo / Max. external
capacitance Co
26 mH / 2.9 µF
IIB (simple circuit): Max. external inductivity Lo / Max. external
capacitance Co
14 mH / 820 nF
IIC (simple circuit): Max. external inductivity Lo / Max. external
capacitance Co
3 mH / 107 nF
IIA (mixed circuit): Max. external inductivity Lo / Max. external
capacitance Co
26 mH / 470 nF, 20 mH / 570 nF, 1 mH / 630 nF, 0.5 mH / 720
nF, 0.1 mH / 1.1 µF, 0.005 mH / 2.9 µF
IIB/IIIC (mixed circuit): Max. external inductivity Lo / Max. external
capacitance Co
16 mH / 370 nF, 1 mH / 430 nF, 500 µH / 510 nF, 200 µH / 660
nF, 100 µH / 820 nF
IIC (mixed circuit): Max. external inductivity Lo / Max. external
capacitance Co
2.2 mH / 47 nF, 2 mH / 49 nF, 1 mH / 63 nF, 500 µH / 80 nF, 200
µH / 107 nF
I (mixed circuit): Max. external inductivity Lo / Max. external
capacitance Co
37 mH / 0.54 µF, 0.2 mH / 1.1 µF, 10 µH / 2.8 µF, 0.001 mH / 4.
15 µF
Safety data: Signal conditioner operation
MACX MCR-EX-SL-RPSSI-2I-1S-SP - Repeater power
supply
2908856
https://www.phoenixcontact.com/us/products/2908856
Nov 10, 2025, 12:23AM
Page 4 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com