Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128PFC Datasheet(PDF) 27 Page - Texas Instruments

Part # UCD3138128PFC
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138128PFC Datasheet(HTML) 27 Page - Texas Instruments

Back Button UCD3138128PFC Datasheet HTML 23Page - Texas Instruments UCD3138128PFC Datasheet HTML 24Page - Texas Instruments UCD3138128PFC Datasheet HTML 25Page - Texas Instruments UCD3138128PFC Datasheet HTML 26Page - Texas Instruments UCD3138128PFC Datasheet HTML 27Page - Texas Instruments UCD3138128PFC Datasheet HTML 28Page - Texas Instruments UCD3138128PFC Datasheet HTML 29Page - Texas Instruments UCD3138128PFC Datasheet HTML 30Page - Texas Instruments UCD3138128PFC Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
27
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
9.3.2.1.4
High Resolution DPWM
Unlike conventional PWM controllers where the frequency of the clock dictates the maximum resolution of PWM
edges, the UCD3138x DPWM can generate waveforms with resolutions as small as 250 ps. This is 16 times the
resolution of the clock driving the DPWM module.
This is achieved by providing the DPWM mechanism with 16 phase shifted clock signals of 250 MHz each.
9.3.2.1.5
Over Sampling
The DPWM module has the capability to trigger an over sampling event by initiating the EADC to sample the
error voltage. The default “00” configuration has the DPWM trigger the EADC once based on the sample trigger
register value. The over sampling register has the ability to trigger the sampling 2, 4 or 8 times per PWM period.
Thus the time the over sample happens is at the divide by 2, 4, or 8 time set in the sampling register. The “01”
setting triggers 2X over sampling, the “10” setting triggers 4X over sampling, and the “11” triggers over sampling
at 8X.
9.3.2.1.6
DPWM Interrupt Generation
The DPWM has the capability to generate a CPU interrupt based on the PWM frequency programmed in the
period register. The interrupt can be scaled by a divider ratio of up to 255 for developing a slower interrupt
service execution loop. This interrupt can be fed to the ADC circuitry for providing an ADC12 trigger for sequence
synchronization. Table 2 outlines the divide ratios that can be programmed.
9.3.2.1.7
DPWM Interrupt Scaling/Range
Table 2. DPWM Interrupt Divide Ratio
INTERRUPT
DIVIDE
SETTING
INTERRUPT
DIVIDE
COUNT
INTERRUPT
DIVIDE
COUNT (HEX)
SWITCHING PERIOD
FRAMES (assume
1MHz loop)
NUMBER OF 32
MHZ
PROCESSOR
CYCLES
1
0
00
1
32
2
1
01
2
64
3
3
03
4
128
4
7
07
8
256
5
15
0F
16
512
6
31
1F
32
1024
7
47
2F
48
1536
8
63
3F
64
2048
9
79
4F
80
2560
10
95
5F
96
3072
11
127
7F
128
4096
12
159
9F
160
5120
13
191
BF
192
6144
14
223
DF
224
7168
15
255
FF
256
8192
9.3.3 Automatic Mode Switching
Automatic Mode switching enables the DPWM module to switch between modes automatically, with no firmware
intervention. This is useful to increase efficiency and power range. The following paragraphs describe phase-
shifted full bridge and LLC examples.
9.3.3.1 Phase Shifted Full Bridge Example
In phase shifted full bridge topologies, efficiency can be increased by using pulse width modulation, rather than
phase shift, at light load. This is shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com