Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128PFC Datasheet(PDF) 4 Page - Texas Instruments

Part # UCD3138128PFC
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138128PFC Datasheet(HTML) 4 Page - Texas Instruments

  UCD3138128PFC Datasheet HTML 1Page - Texas Instruments UCD3138128PFC Datasheet HTML 2Page - Texas Instruments UCD3138128PFC Datasheet HTML 3Page - Texas Instruments UCD3138128PFC Datasheet HTML 4Page - Texas Instruments UCD3138128PFC Datasheet HTML 5Page - Texas Instruments UCD3138128PFC Datasheet HTML 6Page - Texas Instruments UCD3138128PFC Datasheet HTML 7Page - Texas Instruments UCD3138128PFC Datasheet HTML 8Page - Texas Instruments UCD3138128PFC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
4
UCD3138128, UCD3138A64
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
For detailed ordering information please check the Mechanical, Packaging, and Orderable Information section at the end of this
datasheet.
4 Description
The UCD3138 family is a digital power supply controller from Texas Instruments offering superior levels of
integration and performance in a single chip solution. The UCD3138x, in comparison to Texas Instruments
UCD3138x digital power controller offers 64 kB of program Flash memory in UCD3138A64 (128 KB in
UCD3138128) and additional options for communication such as SPI and a second I2C port. The availability of
program Flash memory in multiple 32 kB banks enables designers to implement dual images of firmware (e.g.
one main image + one back-up image) in the device and provides the option to execute from either of the banks
using appropriate algorithms. It also creates the unique opportunity for the processor to load a new program and
subsequently execute that program without interrupting power delivery. This feature allows the end user to add
new features to the power supply in the field while eliminating any down-time required to load the new program.
The flexible nature of the UCD3138 family makes it suitable for a wide variety of power conversion applications.
In addition, multiple peripherals inside the device have been specifically optimized to enhance the performance
of AC/DC and isolated DC/DC applications and reduce the solution component count in the IT and network
infrastructure space. The UCD3138 family is a fully programmable solution offering customers complete control
of their application, along with ample ability to differentiate their solution. At the same time, TI is committed to
simplifying our customer’s development effort through offering best in class development tools, including
application firmware, Code Composer StudioTM software development environment, and TI’s Fusion Power
Development GUI which enables customers to configure and monitor key system parameters.
At the core of the controller are the Digital Power Peripherals (DPP). Each DPP implements a high speed digital
control loop consisting of a dedicated Error Analog to Digital Converter (EADC), a PID based 2 pole - 2 zero
digital compensator and DPWM outputs with 250ps pulse width resolution. The device also contains a 12-bit, 267
ksps general purpose ADC with up to 15 channels, timers, interrupt control, PMBus, I2C, SPI and UART
communications ports. The device is based on a 32-bit ARM7TDMI-S RISC microcontroller that performs real-
time monitoring, configures peripherals and manages communications. The ARM microcontroller executes its
program out of programmable flash memory as well as on chip RAM and ROM.
In addition to the DPP, specific power management peripherals have been added to enable high efficiency
across the entire operating range, high integration for increased power density, reliability, and lowest overall
system cost and high flexibility with support for the widest number of control schemes and topologies. Such
peripherals include: light load burst mode, synchronous rectification, LLC and phase shifted full bridge mode
switching, input voltage feed forward, copper trace current sense, ideal diode emulation, constant current
constant power control, synchronous rectification soft on and off, peak current mode control, flux balancing,
secondary side input voltage sensing, high resolution current sharing, hardware configurable soft start with pre
bias, as well as several other features. Topology support has been optimized for voltage mode and peak current
mode controlled phase shifted full bridge, single and dual phase PFC, bridgeless PFC, hard switched full bridge
and half bridge, active clamp forward converter, two switch forward converter and LLC half bridge and full bridge.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UCD3138128
TQFP (80)
12.00 mm × 12.00 mm
UCD3138A64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com