Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128PFC Datasheet(PDF) 12 Page - Texas Instruments

Part # UCD3138128PFC
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138128PFC Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCD3138128PFC Datasheet HTML 8Page - Texas Instruments UCD3138128PFC Datasheet HTML 9Page - Texas Instruments UCD3138128PFC Datasheet HTML 10Page - Texas Instruments UCD3138128PFC Datasheet HTML 11Page - Texas Instruments UCD3138128PFC Datasheet HTML 12Page - Texas Instruments UCD3138128PFC Datasheet HTML 13Page - Texas Instruments UCD3138128PFC Datasheet HTML 14Page - Texas Instruments UCD3138128PFC Datasheet HTML 15Page - Texas Instruments UCD3138128PFC Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
12
UCD3138128, UCD3138A64
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
V33A = V33D = V33DIO = 3.3V; 1μF from BP18 to DGND, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
(2)
DPWM outputs are low after reset. Other GPIO pins are configured as inputs after reset.
(3)
On the 40 pin package V33DIO is connected to V33D internally.
(4)
The maximum total current, IOHmax and IOLmax for all outputs combined, should not exceed 12 mA to hold the maximum voltage drop
specified. Maximum sink current per pin = –6 mA at VOL; maximum source current per pin = 6 mA at VOH.
(5)
Time from close of error ADC sample window to time when digitally calculated control effort (duty cycle) is available. This delay, which
has no variation associated with it, must be accounted for when calculating the system dynamic response.
A0
Gain
See Figure 10
1
V/V
Minimum output voltage
21
mV
EADC DAC
DAC range
0
1.6
V
VREF DAC reference resolution
10 bit, No dithering enabled
1.56
mV
VREF DAC reference resolution
With 4 bit dithering enabled
97.6
μV
INL
–1.5
1.5
LSB
DNL
–1.0
2.1
LSB
DAC reference voltage
1.58
1.61
V
ADC12
IBIAS
Bias current for PMBus address pins
9.5
10.5
μA
Measurement range for voltage monitoring
0
2.5
V
Internal ADC reference voltage
–40°C to 125°C
2.475
2.500
2.53
V
Change in Internal ADC reference from
25°C reference voltage(1)
–40°C to 25°C
–0.7
mV
25°C to 125°C
-6
ADC12 INL integral nonlinearity(1)
ADC_SAMPLING_SEL = 6 for all
ADC12 data, 25 °C to 125 °C
-7.5/+2.9
LSB
ADC12 DNL differential nonlinearity(1)
–0.7/+3.2
LSB
ADC Zero Scale Error
–7
±5
7
mV
ADC Full Scale Error
–35
±20
35
mV
Input bias
2.5 V applied to pin
200
nA
Input leakage resistance(1)
ADC_SAMPLING_SEL= 6 or 0
1
M
Ω
Input Capacitance(1)
10
pF
DIGITAL INPUTS/OUTPUTS(2)(3)
VOL
Low-level output voltage(4)
IOH = 4 mA, V33DIO = 3 V
DGND
+ 0.25
V
VOH
High-level output voltage (4)
IOH = –4 mA, V33DIO = 3 V
V33DIO
– 0.6
V
VIH
High-level input voltage
V33DIO = 3 V
2.1
V
VIL
Low-level input voltage
V33DIO = 3 V
1.1
V
IOH
Output sinking current
4
mA
IOL
Output sourcing current
–4
mA
SYSTEM PERFORMANCE
Processor master clock (MCLK)
31.25
MHz
tDelay
Digital filter delay(5)
(1 clock = 32ns)
6
MCLKs
f(PCLK)
Internal oscillator frequency
240
250
260
MHz
ISHARE
Current share current source (See
Figure 28)
238
259
μA
RSHARE
Current share resistor (See Figure 28)
9.7
10.3
kΩ
POWER ON RESET AND BROWN OUT (V33A pin, See Figure 3)
VGH
Voltage good High
2.7
V
VGL
Voltage good Low
2.5
V
Vres
Voltage at which IReset signal is valid(1)
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com