Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128PFC Datasheet(PDF) 49 Page - Texas Instruments

Part # UCD3138128PFC
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138128PFC Datasheet(HTML) 49 Page - Texas Instruments

Back Button UCD3138128PFC Datasheet HTML 45Page - Texas Instruments UCD3138128PFC Datasheet HTML 46Page - Texas Instruments UCD3138128PFC Datasheet HTML 47Page - Texas Instruments UCD3138128PFC Datasheet HTML 48Page - Texas Instruments UCD3138128PFC Datasheet HTML 49Page - Texas Instruments UCD3138128PFC Datasheet HTML 50Page - Texas Instruments UCD3138128PFC Datasheet HTML 51Page - Texas Instruments UCD3138128PFC Datasheet HTML 52Page - Texas Instruments UCD3138128PFC Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
Multi Mode Closed Loop
Start of Period
Start of Period
Filter controlled edge
Period
Period Counter
DPWM Output A
Event 1
Filter Duty (High Resolution)
Cycle Adjust A (High Resolution)
Adaptive Sample Trigger A
Adaptive Sample Trigger B
Sample Trigger 1
Blanking A Begin
Blanking A End
Event 3 (High Resolution)
Filter Duty (High Resolution)
Cycle Adjust B (High Resolution)
Sample Trigger 2
Blanking B Begin
Blanking B End
Phase Trigger
To Other
Modules
To Other
Modules
Events which change with DPWM mode:
DPWM A Rising Edge = Event 1
DPWM A Falling Edge = Event 1 + Filter Duty + Cycle Adjust A
Adaptive Sample Trigger A = Event 1 + Filter Duty + Adaptive Sample Register or
Adaptive Sample Trigger B = Event 1 + Filter Duty/2 + Adaptive Sample Register
DPWM B Rising Edge = Event 3
DPWM B Falling Edge = Event 3 + Filter Duty + Cycle Adjust B
Phase Trigger = Phase Trigger Register value or Filter Duty
Events always set by their registers, regardless of mode:
Sample Trigger 1, Sample Trigger 2, Blanking A Begin, Blanking A End, Blanking B
Begin, Blanking B End
DPWM Output B
49
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Device Functional Modes (continued)
9.4.1.3 DPWM Multiple Output Mode
Multi mode is used for systems where each phase has only one driver signal. It enables each DPWM peripheral
to drive two phases with the same pulse width, but with a time offset between the phases, and with different
cycle adjusts for each phase.
The Multi-Mode diagram is shown in Figure 31.
Figure 31. DPWM Multi-Mode Close Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com