Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS5630B
Description  TAS5630B 300-W Stereo and 400-W Mono PurePath™ HD Analog-Input Power Stage
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5630B Datasheet(HTML) 2 Page - Texas Instruments

  TAS5630B Datasheet HTML 1Page - Texas Instruments TAS5630B Datasheet HTML 2Page - Texas Instruments TAS5630B Datasheet HTML 3Page - Texas Instruments TAS5630B Datasheet HTML 4Page - Texas Instruments TAS5630B Datasheet HTML 5Page - Texas Instruments TAS5630B Datasheet HTML 6Page - Texas Instruments TAS5630B Datasheet HTML 7Page - Texas Instruments TAS5630B Datasheet HTML 8Page - Texas Instruments TAS5630B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TAS5630B
SLES217D – NOVEMBER 2010 – REVISED MARCH 2015
www.ti.com
Table of Contents
7.1
Overview ................................................................. 14
1
Features .................................................................. 1
7.2
Functional Block Diagram ....................................... 14
2
Applications ........................................................... 1
7.3
Feature Description................................................. 15
3
Description ............................................................. 1
7.4
Device Functional Modes........................................ 18
4
Revision History..................................................... 2
8
Application and Implementation ........................ 19
5
Pin Configuration and Functions ......................... 4
8.1
Application Information............................................ 19
6
Specifications......................................................... 7
8.2
Typical Application .................................................. 20
6.1
Absolute Maximum Ratings ...................................... 7
9
Power Supply Recommendations ...................... 27
6.2
ESD Ratings.............................................................. 7
10
Layout................................................................... 27
6.3
Recommended Operating Conditions ....................... 7
10.1
Layout Guidelines ................................................. 27
6.4
Thermal Information .................................................. 8
10.2
Layout Example .................................................... 28
6.5
Electrical Characteristics........................................... 8
11
Device and Documentation Support ................. 30
6.6
Audio Characteristics (BTL) .................................... 10
11.1
Trademarks ........................................................... 30
6.7
Audio Specification (Single-Ended Output) ............ 10
11.2
Electrostatic Discharge Caution ............................ 30
6.8
Audio Specification (PBTL) .................................... 11
11.3
Glossary ................................................................ 30
6.9
Typical Characteristics ............................................ 11
12
Mechanical, Packaging, and Orderable
7
Detailed Description ............................................ 14
Information ........................................................... 30
4 Revision History
Changes from Revision C (September 2012) to Revision D
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
•
Changed Thermal Information table data. .............................................................................................................................. 8
Changes from Revision B (November 2011) to Revision C
Page
•
Changed Analog comparator reference node, VI_CM Vlaues From: MIN = 1.5 TYP = 1.75 MAX = 1.9 To: MIN =
1.75 TYP = 2 MAX = 2.15 ...................................................................................................................................................... 8
•
Changed ANALOG INPUTS - VIN TYP value From 3.5 to 5 VPP............................................................................................ 8
•
Changed the VIH and VIL Test Conditions From: INPUT_X, M1, M2, M3, RESET To: M1, M2, M3, RESET ........................ 9
•
Deleted - RL = 2 Ω, 1% THD+N, unclipped output signal From PO in the Audio Specification (PBTL) table....................... 11
Changes from Revision A (November 2011) to Revision B
Page
•
Changed the RINT_PU parameters from /OTW1 to VREG, /OTW2 to VREG, /SD to VREG to /OTW, /OTW1, /OTW2,
/CLIP, READY, /SD to VRE.................................................................................................................................................... 9
•
Added text to the PHD Package section. ............................................................................................................................. 17
•
Added text to the DKD Package section .............................................................................................................................. 17
Changes from Original (November 2010) to Revision A
Page
•
Changed Title From: 600-W MONO To: 400-W MONO......................................................................................................... 1
•
Changed Feature From: 600 W per Channel in Mono PBTL Configuration To: 400 W per Channel in Mono PBTL
Configuration .......................................................................................................................................................................... 1
•
Changed the Pin One Location Package image .................................................................................................................... 5
•
Changed RL(PBTL) Load Impedance Min value From: 1.6 Ω To: 2.4 Ω, and Typ value From 2 To: 3 Ω ............................. 7
•
Added footnotes to the ROC table ......................................................................................................................................... 7
•
Added ROCP information to the ROC Table ............................................................................................................................ 8
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TAS5630B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com