Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5630B
Description  TAS5630B 300-W Stereo and 400-W Mono PurePath™ HD Analog-Input Power Stage
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5630B Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 2Page - Texas Instruments TAS5630B Datasheet HTML 3Page - Texas Instruments TAS5630B Datasheet HTML 4Page - Texas Instruments TAS5630B Datasheet HTML 5Page - Texas Instruments TAS5630B Datasheet HTML 6Page - Texas Instruments TAS5630B Datasheet HTML 7Page - Texas Instruments TAS5630B Datasheet HTML 8Page - Texas Instruments TAS5630B Datasheet HTML 9Page - Texas Instruments TAS5630B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TAS5630B
SLES217D – NOVEMBER 2010 – REVISED MARCH 2015
www.ti.com
Pin Functions (continued)
PIN
FUNCTION(1)
DESCRIPTION
NAME
HTQFP
HSSOP
Analog overcurrent-programming pin requires resistor to AGND. 64-pin
OC_ADJ
1
3
O
package (PHD) = 22 k
Ω. 44-pin PSOP3 (DKD) = 24 kΩ
OSC_IO+
13
15
I/O
Oscillator master/slave output/input
OSC_IO–
14
16
I/O
Oscillator master/slave output/input
OTW
—
18
O
Overtemperature warning signal, open-drain, active-low
OTW1
16
—
O
Overtemperature warning signal, open-drain, active-low
OTW2
17
—
O
Overtemperature warning signal, open-drain, active-low
OUT_A
52, 53
39, 40
O
Output, half-bridge A
OUT_B
44, 45
36
O
Output, half-bridge B
OUT_C
36, 37
31
O
Output, half-bridge C
OUT_D
28, 29
27, 28
O
Output, half-bridge D
PSU_REF
63
1
P
PSU reference requires close decoupling of 330 pF to AGND.
Power-supply input for half-bridge A requires close decoupling of 0.01-
μF
PVDD_A
50, 51
41, 42
P
capacitor in parallel with 2.2-
μF capacitor to GND_A.
Power-supply input for half-bridge B requires close decoupling of 0.01-
μF
PVDD_B
42, 43
35
P
capacitor in parallel with 2.2-
μF capacitor to GND_B.
Power-supply input for half-bridge C requires close decoupling of 0.0-
μF
PVDD_C
38, 39
32
P
capacitor in parallel with 2.2-
μF capacitor to GND_C.
Power-supply input for half-bridge D requires close decoupling of 0.01-
μF
PVDD_D
30, 31
25, 26
P
capacitor in parallel with 2.2-
μF capacitor to GND_D.
READY
19
19
O
Normal operation; open-drain; active-high
RESET
2
4
I
Device reset input; active-low
SD
15
17
O
Shutdown signal, open-drain, active-low
Power supply for digital voltage regulator requires a 10-
μF capacitor in parallel
VDD
64
2
P
with a 0.1-
μF capacitor to GND for decoupling.
Analog comparator reference node requires close decoupling of 1 nF to
VI_CM
6
8
O
AGND.
VREG
9
11
P
Regulator supply filter pin requires 0.1-
μF capacitor to AGND.
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TAS5630B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com