Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 26 Page - Texas Instruments

Part # TAS5630B
Description  TAS5630B 300-W Stereo and 400-W Mono PurePath™ HD Analog-Input Power Stage
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5630B Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 22Page - Texas Instruments TAS5630B Datasheet HTML 23Page - Texas Instruments TAS5630B Datasheet HTML 24Page - Texas Instruments TAS5630B Datasheet HTML 25Page - Texas Instruments TAS5630B Datasheet HTML 26Page - Texas Instruments TAS5630B Datasheet HTML 27Page - Texas Instruments TAS5630B Datasheet HTML 28Page - Texas Instruments TAS5630B Datasheet HTML 29Page - Texas Instruments TAS5630B Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
IN_LEFT_N
IN_LEFT_P
IN_RIGHT_N
IN_RIGHT_P
/SD
/OTW
READY
GVDD (+12V)
PVDD
OSC_IO+
OSC_IO-
GVDD (+12V)
VDD (+12V)
PVDD
PVDD
/RESET
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VREG
GND
GND
GND
GND
GND
GND
GND
VREG
GND
GND
VREG
GND
GND
OUT_LEFT_P
OUT_LEFT_M
OUT_RIGHT_P
OUT_RIGHT_M
+
-
+
-
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
33
34
35
36
37
38
39
40
41
42
43
44
23
24
25
26
27
28
29
30
31
32
C88
33nF
C88
33nF
C85
1nF
C85
1nF
3.3R
3.3R
7uH
7uH
2.2uF
100V
2.2uF
100V
C41
33nF
C41
33nF
680nF
250V
680nF
250V
10nF
100V
10nF
100V
3.3R
3.3R
10uF
10uF
10uF
10uF
10uF
10uF
R45
100R
R45
100R
10nF
100V
10nF
100V
1000uF
63V
1000uF
63V
C81
100pF
C81
100pF
C78
100pF
C78
100pF
C37
33nF
C37
33nF
C79
100pF
C79
100pF
R14
24k
R14
24k
C35
100nF
C35
100nF
R44
47k
R44
47k
C38
100nF
C38
100nF
C34
2.2uF
C34
2.2uF
R34
1.5R
R34
1.5R
C80
100pF
C80
100pF
U12
U12
TAS5630BDKD
PSU_REF
VDD
OC_ADJ
/RESET
C_STARTUP
INPUT_A
INPUT_B
VI_CM
GND
AGND
VREG
INPUT_C
INPUT_D
FREQ_ADJ
OSC_IO+
OSC_IO-
/OTW
OUT_D
OUT_D
GND_D
GND_C
OUT_C
PVDD_C
BST_C
BST_B
PVDD_B
OUT_B
GND_B
GND_A
OUT_A
OUT_A
/SD
GVDD_AB
BST_A
PVDD_A
PVDD_A
M1
M2
M3
GVDD_CD
BST_D
PVDD_D
READY
PVDD_D
C33
33nF
C33
33nF
680nF
250V
680nF
250V
C91
2.2uF
C91
2.2uF
7uH
7uH
R13
100R
R13
100R
C84
100nF
C84
100nF
3.3R
3.3R
10nF
100V
10nF
100V
C87
100nF
C87
100nF
1nF
100V
1nF
100V
3.3R
3.3R
R60
100R
R60
100R
680nF
250V
680nF
250V
1000uF
63V
1000uF
63V
3.3R
3.3R
C42
100nF
C42
100nF
C90
2.2uF
C90
2.2uF
R20
10k
R20
10k
C44
10uF
C44
10uF
7uH
7uH
680nF
250V
680nF
250V
10uF
10uF
C83
2.2uF
C83
2.2uF
1000uF
63V
1000uF
63V
C89
100nF
C89
100nF
R31
1.5R
R31
1.5R
1000uF
63V
1000uF
63V
C45
4.7nF
C45
4.7nF
10nF
100V
10nF
100V
C86
330pF
C86
330pF
10nF
100V
10nF
100V
47uF
63V
47uF
63V
R53
100R
R53
100R
1nF
100V
1nF
100V
C82
100pF
C82
100pF
7uH
7uH
1nF
100V
1nF
100V
1nF
100V
1nF
100V
R54
100R
R54
100R
TAS5630B
SLES217D – NOVEMBER 2010 – REVISED MARCH 2015
www.ti.com
8.2.6 Typical Differential-Input BTL Application With BD Modulation Filters, DKD Package
This is the same application as described in Typical Differential-Input BTL Application With BD Modulation Filters with PHD package. For DKD package
an external heatsink is required to dissipate excess heat. In this package, the PCB space is not a limiting factor for dissipating excess heat.
Figure 22. Typical Differential-Input BTL Application With BD Modulation Filters, DKD Package
26
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TAS5630B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com