Electronic Components Datasheet Search
  English  ▼

X  

TCA9554 Datasheet(PDF) 21 Page - Texas Instruments

Part # TCA9554
Description  TCA9554 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9554 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TCA9554 Datasheet HTML 17Page - Texas Instruments TCA9554 Datasheet HTML 18Page - Texas Instruments TCA9554 Datasheet HTML 19Page - Texas Instruments TCA9554 Datasheet HTML 20Page - Texas Instruments TCA9554 Datasheet HTML 21Page - Texas Instruments TCA9554 Datasheet HTML 22Page - Texas Instruments TCA9554 Datasheet HTML 23Page - Texas Instruments TCA9554 Datasheet HTML 24Page - Texas Instruments TCA9554 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
S
0
1
0
0
A2
A1
A0
0
Device (Slave) Address (7 bits)
0
1
0
0
0
0
0
0
A
Register Address 0x02 (8 bits)
D7
D6
D5
D4
D3
D2
D1
D0
A
Data Byte to Register 0x02 (8 bits)
A
P
START
R/W=0
ACK
ACK
ACK
STOP
Master controls SDA line
Slave controls SDA line
S
0
1
0
0
A2
A1
A0
0
Device (Slave) Address (7 bits)
B7
B6
B5
B4
B3
B2
B1
B0
A
Register Address N (8 bits)
D7
D6
D5
D4
D3
D2
D1
D0
A
Data Byte to Register N (8 bits)
A
P
START
R/W=0
ACK
ACK
ACK
STOP
Write to one register in a device
Master controls SDA line
Slave controls SDA line
21
TCA9554
www.ti.com
SCPS233E – MARCH 2012 – REVISED FEBRUARY 2017
Product Folder Links: TCA9554
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
8.6.3.1 Bus Transactions
Data is exchanged between the master and the TCA9554 through write and read commands.
8.6.3.1.1
Writes
To write on the I2C bus, the master sends a START condition on the bus with the address of the slave, as well
as the last bit (the R/W bit) set to 0, which signifies a write. After the slave sends the acknowledge bit, the master
then sends the register address of the register to which it wishes to write. The slave acknowledges again, letting
the master know it is ready. After this, the master starts sending the register data to the slave until the master
has sent all the data necessary (which is sometimes only a single byte), and the master terminates the
transmission with a STOP condition. Note that the command byte/register address does NOT automatically
increment. Writing multiple bytes during a write results in the last byte sent being stored in the register.
See the Register Descriptions section to see list of the TCA9554's internal registers and a description of each
one.
Figure 21 shows an example of writing a single byte to a slave register.
Figure 21. Write to Register
Figure 22 shows an example of how to write to the polarity inversion register.
Figure 22. Write to the Polarity Inversion Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com