Electronic Components Datasheet Search
  English  ▼

X  

TCA9554 Datasheet(PDF) 28 Page - Texas Instruments

Part # TCA9554
Description  TCA9554 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9554 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TCA9554 Datasheet HTML 24Page - Texas Instruments TCA9554 Datasheet HTML 25Page - Texas Instruments TCA9554 Datasheet HTML 26Page - Texas Instruments TCA9554 Datasheet HTML 27Page - Texas Instruments TCA9554 Datasheet HTML 28Page - Texas Instruments TCA9554 Datasheet HTML 29Page - Texas Instruments TCA9554 Datasheet HTML 30Page - Texas Instruments TCA9554 Datasheet HTML 31Page - Texas Instruments TCA9554 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
VPORR
28
TCA9554
SCPS233E – MARCH 2012 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: TCA9554
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
VPORR is critical to the power-on reset. VPORR is the voltage level at which the reset condition is released and all
the registers and the I2C/SMBus state machine are initialized to their default states. The value of power-on-reset
voltage differs based on the VCC being lowered to or from 0 (VPORR or VPORF). Figure 33 and Table 8 provide
more details on this specification.
Figure 33. Waveform Describing VCC Voltage Level at Which Power-On-Reset (POR) Occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com