Electronic Components Datasheet Search
  English  ▼

X  

TCA9554 Datasheet(PDF) 8 Page - Texas Instruments

Part # TCA9554
Description  TCA9554 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9554 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCA9554 Datasheet HTML 4Page - Texas Instruments TCA9554 Datasheet HTML 5Page - Texas Instruments TCA9554 Datasheet HTML 6Page - Texas Instruments TCA9554 Datasheet HTML 7Page - Texas Instruments TCA9554 Datasheet HTML 8Page - Texas Instruments TCA9554 Datasheet HTML 9Page - Texas Instruments TCA9554 Datasheet HTML 10Page - Texas Instruments TCA9554 Datasheet HTML 11Page - Texas Instruments TCA9554 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
TCA9554
SCPS233E – MARCH 2012 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: TCA9554
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
6.6 I
2C Interface Timing Requirements
over operating free-air temperature range (unless otherwise noted) (see Figure 11)
MIN
MAX
UNIT
STANDARD MODE
fscl
I2C clock frequency
0
100
kHz
tsch
I2C clock high time
4
µs
tscl
I2C clock low time
4.7
µs
tsp
I2C spike time
50
ns
tsds
I2C serial-data setup time
250
ns
tsdh
I2C serial-data hold time
0
ns
ticr
I2C input rise time
1000
ns
ticf
I2C input fall time
300
ns
tocf
I2C output fall time
10-pF to 400-pF bus
300
ns
tbuf
I2C bus free time between Stop and Start
4.7
µs
tsts
I2C Start or repeated Start condition setup
4.7
µs
tsth
I2C Start or repeated Start condition hold
4
µs
tsps
I2C Stop condition setup
4
µs
tvd(data)
Valid data time
SCL low to SDA output valid
3.45
µs
tvd(ack)
Valid data time of ACK condition
ACK signal from SCL low to
SDA (out) low
3.45
µs
Cb
I2C bus capacitive load
400
pF
FAST MODE
fscl
I2C clock frequency
0
400
kHz
tsch
I2C clock high time
0.6
µs
tscl
I2C clock low time
1.3
µs
tsp
I2C spike time
50
ns
tsds
I2C serial-data setup time
100
ns
tsdh
I2C serial-data hold time
0
ns
ticr
I2C input rise time
20
300
ns
ticf
I2C input fall time
20 × (VDD /
5.5 V)
300
ns
tocf
I2C output fall time
10-pF to 400-pF bus
20 × (VDD /
5.5 V)
300
ns
tbuf
I2C bus free time between Stop and Start
1.3
µs
tsts
I2C Start or repeated Start condition setup
0.6
µs
tsth
I2C Start or repeated Start condition hold
0.6
µs
tsps
I2C Stop condition setup
0.6
µs
tvd(data)
Valid data time
0.9
µs
tvd(ack)
Valid data time of ACK condition
0.9
µs
Cb
I2C bus capacitive load
400
pF
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted) (see Figure 12 and Figure 13)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
STANDARD MODE and FAST MODE
tiv
Interrupt valid time
P port
INT
4
µs
tir
Interrupt reset delay time
SCL
INT
4
µs
tpv
Output data valid
SCL
P7–P0
350
ns
tps
Input data setup time
P port
SCL
100
ns
tph
Input data hold time
P port
SCL
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com