Electronic Components Datasheet Search
  English  ▼

X  

TCA9554 Datasheet(PDF) 12 Page - Texas Instruments

Part # TCA9554
Description  TCA9554 Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9554 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TCA9554 Datasheet HTML 8Page - Texas Instruments TCA9554 Datasheet HTML 9Page - Texas Instruments TCA9554 Datasheet HTML 10Page - Texas Instruments TCA9554 Datasheet HTML 11Page - Texas Instruments TCA9554 Datasheet HTML 12Page - Texas Instruments TCA9554 Datasheet HTML 13Page - Texas Instruments TCA9554 Datasheet HTML 14Page - Texas Instruments TCA9554 Datasheet HTML 15Page - Texas Instruments TCA9554 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
INT
R/W
A
tir
0.7 × VCC
0.3 × VCC
0.7 × VCC
0.3 × VCC
0.7 × VCC
0.3 × VCC
0.7 × VCC
0.3 × VCC
INT
SCL
tiv
Interupt Load Configuration
RL = 4.7 k
VCC
CL = 100 pF
(see Note A)
DUT
INT
SCL
SDA
INT
Start
Condition
R/W
Read From
Port
Data Into
Port
Stop
Condition
ACK From
Master
NACK From
Master
ACK From
Slave
Data From Port
Slave Address
Data From Port
8
7
6
5
4
3
2
1
A
Data 1
Data 4
A
NA P
Data 2
Data 3
Data 4
tiv
tph
tps
tir
Data 5
S
0
1
0
0 A2 A1 A0
1
Data Into
Port (
)
P
n
Data 1
12
TCA9554
SCPS233E – MARCH 2012 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: TCA9554
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
Parameter Measurement Information (continued)
A.
CL includes probe and jig capacitance.
B.
All inputs are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
C.
All parameters and waveforms are not applicable to all devices.
Figure 12. Interrupt Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com