Electronic Components Datasheet Search
  English  ▼

X  

THS4531 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS4531
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4531 Datasheet(HTML) 2 Page - Texas Instruments

  THS4531 Datasheet HTML 1Page - Texas Instruments THS4531 Datasheet HTML 2Page - Texas Instruments THS4531 Datasheet HTML 3Page - Texas Instruments THS4531 Datasheet HTML 4Page - Texas Instruments THS4531 Datasheet HTML 5Page - Texas Instruments THS4531 Datasheet HTML 6Page - Texas Instruments THS4531 Datasheet HTML 7Page - Texas Instruments THS4531 Datasheet HTML 8Page - Texas Instruments THS4531 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
2
THS4531
SLOS358C – SEPTEMBER 2011 – REVISED APRIL 2020
www.ti.com
Product Folder Links: THS4531
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Electrical Specifications........................................ 4
5.1
Absolute Maximum Ratings ...................................... 4
5.2
Thermal Information .................................................. 4
5.3
Electrical Characteristics: VS = 2.7 V....................... 5
5.4
Electrical Characteristics: VS = 5 V.......................... 8
6
Device Information............................................... 11
6.1
PIN Configurations .................................................. 11
6.2
Table of Graphs ..................................................... 12
7
Typical Characteristics: VS = 2.7 V.................... 13
8
Typical Characteristics: VS = 5 V....................... 19
9
Application Information....................................... 25
9.1
Typical Characteristics Test Circuits....................... 25
9.2
Application Circuits.................................................. 30
9.3
Audio ADC Driver Performance: THS4531 AND
PCM4204 Combined Performance ......................... 36
9.4
SAR ADC Performance .......................................... 38
9.5
EVM and Layout Recommendations ..................... 41
10
Device and Documentation Support ................. 42
10.1
Device Support...................................................... 42
10.2
Documentation Support ........................................ 42
10.3
Community Resources.......................................... 42
10.4
Trademarks ........................................................... 42
10.5
Electrostatic Discharge Caution ............................ 42
10.6
Glossary ................................................................ 42
11
Mechanical, Packaging, and Orderable
Information ........................................................... 42
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (March 2012) to Revision C
Page
•
Changed the continuous input current , Ii value in the Absolute Maximum Ratings section From: 7.5-mA To: 10-mA......... 4
Changes from Revision A (January 2012) to Revision B
Page
•
Deleted DC Performance, Input-referred offset voltage parameter typical specifications for TA = 0°C to +70°C,
–40°C to +85°C, and –40°C to +125°C in 2.7 V Electrical Characteristics table ................................................................... 6
•
Changed DC Performance, Input-referred offset voltage parameter maximum specifications for TA = 0°C to +70°C,
–40°C to +85°C, and –40°C to +125°C in 2.7 V Electrical Characteristics table ................................................................... 6
•
Changed DC Performance, Input offset voltage drift parameter typical and maximum specifications in 2.7 V
Electrical Characteristics table ............................................................................................................................................... 6
•
Deleted DC Performance, Input bias current parameter typical specifications for TA = 0°C to +70°C, –40°C to
+85°C, and –40°C to +125°C in 2.7 V Electrical Characteristics table .................................................................................. 6
•
Deleted DC Performance, Input bias current drift parameter typical specifications in 2.7 V Electrical Characteristics table 6
•
Deleted DC Performance, Input offset current parameter typical specifications for TA = 0°C to +70°C, –40°C to
+85°C, and –40°C to +125°C in 2.7 V Electrical Characteristics table .................................................................................. 6
•
Deleted DC Performance, Input-referred offset voltage parameter typical specifications for TA = 0°C to +70°C,
–40°C to +85°C, and –40°C to +125°C in 5 V Electrical Characteristics table ...................................................................... 9
•
Changed DC Performance, Input-referred offset voltage parameter maximum specifications for TA = 0°C to +70°C,
–40°C to +85°C, and –40°C to +125°C in 5 V Electrical Characteristics table ...................................................................... 9
•
Changed DC Performance, Input offset voltage drift parameter typical specifications in 5 V Electrical Characteristics
table ........................................................................................................................................................................................ 9
•
Deleted DC Performance, Input bias current parameter typical specifications for TA = 0°C to +70°C,–40°C to +85°C,
and –40°C to +125°C in 5 V Electrical Characteristics table.................................................................................................. 9
•
Deleted DC Performance, Input offset current parameter typical specifications for TA = 0°C to +70°C, –40°C to
+85°C, and –40°C to +125°C in 5 V Electrical Characteristics table ..................................................................................... 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com