Electronic Components Datasheet Search
  English  ▼

X  

THS4531 Datasheet(PDF) 32 Page - Texas Instruments

Part # THS4531
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4531 Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4531 Datasheet HTML 28Page - Texas Instruments THS4531 Datasheet HTML 29Page - Texas Instruments THS4531 Datasheet HTML 30Page - Texas Instruments THS4531 Datasheet HTML 31Page - Texas Instruments THS4531 Datasheet HTML 32Page - Texas Instruments THS4531 Datasheet HTML 33Page - Texas Instruments THS4531 Datasheet HTML 34Page - Texas Instruments THS4531 Datasheet HTML 35Page - Texas Instruments THS4531 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
−21
−18
−15
−12
−9
−6
−3
0
3
6
9
100k
1M
10M
100M
Frequency (Hz)
RF = 2 k
Ω
RF = 10 k
Ω
RF = 100 k
Ω
VOUT = 100 mVPP
G067
32
THS4531
SLOS358C – SEPTEMBER 2011 – REVISED APRIL 2020
www.ti.com
Product Folder Links: THS4531
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
Application Circuits (continued)
9.2.7 Low Power Applications and the Effects of Resistor Values on Bandwidth
The THS4531 is designed for the nominal value of RF to be 2 kΩ. This gives excellent distortion performance,
maximum bandwidth, best flatness, and best pulse response. It also loads the amplifier. For example, in gain of 1
with RF = RG = 2 kΩ, RG to ground, and VOUT+ = 4 V, 1 mA of current will flow through the feedback path to
ground. In low power applications, it is desirable to reduce this current by increasing the gain setting resistors
values. Using larger value gain resistors has two primary side effects (other than lower power) due to their
interaction with the device and PCB parasitic capacitance:
1. Lowers the bandwidth.
2. Lowers the phase margin
a. This will cause peaking in the frequency response.
b. And will cause over shoot and ringing in the pulse response.
Figure 77 shows the small signal frequency response for gain of 1 with RF and RG equal to 2 kΩ, 10 kΩ, and 100
kΩ. The test was done with RL = 2 kΩ. Due to loading effects of RL, lower values may reduce the peaking, but
higher values will not have a significant effect.
As expected, larger value gain resistors cause lower bandwidth and peaking in the response (peaking in
frequency response is synonymous with overshoot and ringing in pulse response).
Figure 77. THS4531 Frequency Response with Various Gain Setting Resistor Values
9.2.8 Driving Capacitive Loads
The THS4531 is designed for a nominal capacitive load of 2 pF (differentially). When driving capacitive loads
greater than this, it is recommended to use small resisters (RO) in series with the output as close to the device as
possible. Without RO, capacitance on the output will interact with the output impedance of the amplifier causing
phase shift in the loop gain of the amplifier that will reduce the phase margin resulting in:
1. Peaking in the frequency response.
2. Overshoot, undershoot, and ringing in the time domain response with a pulse or square-wave signal.
3. May lead to instability or oscillation.
Inserting RO will compensate the phase shift and restore the phase margin, but it will also limit bandwidth. The
circuit shown in Figure 69 is used to test for best RO versus capacitive loads, CL, with a capacitance placed
differential across the VOUT+ and VOUT- along with 2 kΩ load resistor, and the output is measure with a differential
probe. Figure 78 shows the optimum values of RO versus capacitive loads, CL, and Figure 79 shows the
frequency response with various values. Performance is the same on both 2.7 V and 5 V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com