Electronic Components Datasheet Search
  English  ▼

X  

THS4531 Datasheet(PDF) 39 Page - Texas Instruments

Part # THS4531
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4531 Datasheet(HTML) 39 Page - Texas Instruments

Back Button THS4531 Datasheet HTML 35Page - Texas Instruments THS4531 Datasheet HTML 36Page - Texas Instruments THS4531 Datasheet HTML 37Page - Texas Instruments THS4531 Datasheet HTML 38Page - Texas Instruments THS4531 Datasheet HTML 39Page - Texas Instruments THS4531 Datasheet HTML 40Page - Texas Instruments THS4531 Datasheet HTML 41Page - Texas Instruments THS4531 Datasheet HTML 42Page - Texas Instruments THS4531 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10k
20k
30k
40k
50k
Frequency (Hz)
VS = 5 V
G = 1 V/V
RF = 2 k
Ω
VOUT = −0.5 dBFS
G078
2 k
2 k
0.22 F
5V
THS4531
VOUT+
121
VOUT–
121
Single-Ended
Signal from
Generator and
10 kHz BPF
VIN+
VIN–
+
–
VOCM
2 k
2.2 nF
2 k
To Data
Analysis
ADS8321
100 pF
100 pF
220 pF
220 pF
No Input
49.9
49.9
39
THS4531
www.ti.com
SLOS358C – SEPTEMBER 2011 – REVISED APRIL 2020
Product Folder Links: THS4531
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
SAR ADC Performance (continued)
Figure 89. THS4531 and ADS8321 Test Circuit
Figure 90. THS4531 + ADS8321 1-kHz FFT
Table 7. 10 kHz FFT Analysis Summary
CONFIGURATION
TONE
SIGNAL
SNR
THD
SINAD
SFDR
THS4531 + ADS8321
10 kHz
-0.5 dBFS
87 dBc
-96 dBc
87 dBc
100 dBc
ADS8321 data sheet (typical)
10 kHz
-0.5 dBFS
87 dBc
-86 dBc
84 dBc
86 dBc
9.4.2 THS4531 and ADS7945 Combined Performance
To show achievable performance with a high performance SAR ADC, the THS4531 is tested as the drive
amplifier for the ADS7945. The ADS7945 is a 14-bit, SAR ADC that offers excellent AC and DC performance,
with low power and small size. The circuit shown in Figure 91 is used to test the performance. Data was taken
using the ADS7945 at 2MSPS with input frequency of 10 kHz and signal level 0.5 dB below full scale. The FFT
plot of the spectral performance is in Figure 92. A summary of the FFT analysis results are in Table 8 along with
ADS7945 typical data sheet performance at fS = 2 MSPS. Please refer to its data sheet for more information.
The standard ADS7945 EVM and THS4531 EVM are modified to implement the schematic in Figure 91 and used
to test the performance of the THS4531 as a drive amplifier. With single supply +5 V supply the output common-
mode of the THS4531 defaults to +2.5 V as required at the input of the ADS7945 so the VOCM input of the
THS4531 simply bypassed to GND with 0.22 µF capacitor. The summary of results of the FFT analysis versus
typical data sheet performance shown in Table 8 show the THS4531 will make an excellent drive amplifier for
this ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com