Electronic Components Datasheet Search
  English  ▼

X  

THS4531 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS4531
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4531 Datasheet(HTML) 4 Page - Texas Instruments

  THS4531 Datasheet HTML 1Page - Texas Instruments THS4531 Datasheet HTML 2Page - Texas Instruments THS4531 Datasheet HTML 3Page - Texas Instruments THS4531 Datasheet HTML 4Page - Texas Instruments THS4531 Datasheet HTML 5Page - Texas Instruments THS4531 Datasheet HTML 6Page - Texas Instruments THS4531 Datasheet HTML 7Page - Texas Instruments THS4531 Datasheet HTML 8Page - Texas Instruments THS4531 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
4
THS4531
SLOS358C – SEPTEMBER 2011 – REVISED APRIL 2020
www.ti.com
Product Folder Links: THS4531
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Table 2. Packaging and Ordering Information(1)
PRODUCT
CHANNEL
COUNT
PACKAGE-
LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT MEDIA,
QUANTITY
THS4531
1
SOIC-8
D
–40°C to +125°C
T4531
THS4531ID
Rails, 75
1
T4531
THS4531IDR
Tape and reel, 2500
1
VSSOP-8
DGK
–40°C to +125°C
4531
THS4531IDGK
Rails, 80
1
4531
THS4531IDGKR
Tape and reel, 2500
1
WQFN-10
RUN
–40°C to +125°C
4531
THS4531IRUNT
Tape and reel, 250
1
4531
THS4531IRUNR
Tape and reel, 3000
5 Electrical Specifications
5.1 Absolute Maximum Ratings
VALUE
UNITS
Supply voltage, VS– to VS+
5.5
Input/output voltage, VIN±, VOUT±, and VOCM pins
(VS–) – 0.7 to (VS+) + 0.7
V
Differential input voltage, VID
1
V
Continuous output current, IO
50
mA
Continuous input current, Ii
10
mA
Continuous power dissipation
See Thermal Information
Maximum junction temperature, TJ
150
°C
Operating free-air temperature range, TA
–40 to +125
°C
Storage temperature range, Tstg
–65 to +150
°C
Electrostatic
discharge (ESD)
ratings:
Human body model (HBM)
3000
V
Charge device model (CDM)
500
V
Machine model (MM)
200
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
5.2 Thermal Information
THERMAL METRIC(1)
THS4531
THS4531
THS4531
UNITS
SOIC
(P)
VSSOP
(MSOP)
(DGK)
WQFN
(RUN)
8 PINS
8 PINS
10 PINS
θJA
Junction-to-ambient thermal resistance
133
198
163
°C/W
θJCtop
Junction-to-case (top) thermal resistance
78
84
66
θJB
Junction-to-board thermal resistance
73
120
113
ψJT
Junction-to-top characterization parameter
26
19
17
ψJB
Junction-to-board characterization parameter
73
118
113
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com