Electronic Components Datasheet Search
  English  ▼

X  

THS4151CD Datasheet(PDF) 18 Page - Texas Instruments

Part # THS4151CD
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4151CD Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS4151CD Datasheet HTML 14Page - Texas Instruments THS4151CD Datasheet HTML 15Page - Texas Instruments THS4151CD Datasheet HTML 16Page - Texas Instruments THS4151CD Datasheet HTML 17Page - Texas Instruments THS4151CD Datasheet HTML 18Page - Texas Instruments THS4151CD Datasheet HTML 19Page - Texas Instruments THS4151CD Datasheet HTML 20Page - Texas Instruments THS4151CD Datasheet HTML 21Page - Texas Instruments THS4151CD Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
V
O) +
V
I)
2
) VOCM
V
O– +
–V
I)
2
) VOCM
VOCM
_
+
_
+
VCC+
VIN-
VIN+
VO+
VO-
VOD= 1-0 = 1
VOD = 0-1 = -1
a
b
+1
0
+1
0
VCC-
THS4150
THS4151
SLOS321G – MAY 2000 – REVISED MARCH 2009........................................................................................................................................................... www.ti.com
If each output is measured independently, each output is one-half of the input signal when the gain is 1. The
following equations express the transfer function for each output:
The second output is equal and opposite in sign:
VOCM will be set to midrails if it is not derived by any external power source.
Fully differential amplifiers may be viewed as two inverting amplifiers. In this case, the equation of an inverting
amplifier holds true for gain calculations. One advantage of fully differential amplifiers is that they offer twice as
much dynamic range compared to single-ended amplifiers. For example, a 1-VPP ADC can only support an input
signal of 1 VPP. If the output of the amplifier is 2 VPP, then it will not be practical to feed a 2-VPP signal into the
targeted ADC. Using a fully differential amplifier enables the user to break down the output into two 1-VPP signals
with opposite signs and feed them into the differential input nodes of the ADC. In practice, the designer has been
able to feed a 2-V peak-to-peak signal into a 1-V differential ADC with the help of a fully differential amplifier. The
final result indicates twice as much dynamic range.
Figure 40 illustrates the increase in dynamic range. The gain factor should be considered in this scenario. The
THS415x fully differential amplifier offers an improved CMRR and PSRR due to its symmetrical input and output.
Furthermore, second harmonic distortion is improved. Second harmonics tend to cancel because of the
symmetrical output.
Figure 40. Fully Differential Amplifier With Two 1-VPP Signals
Similar to the standard inverting amplifier configuration, input impedance of a fully differential amplifier is selected
by the input resistor, R(g). If input impedance is a constraint in design, the designer may choose to implement the
differential amplifier as an instrumentation amplifier. This configuration improves the input impedance of the fully
differential amplifier. The following schematic depicts the general format of instrumentation amplifiers.
18
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com