Electronic Components Datasheet Search
  English  ▼

X  

THS4151CD Datasheet(PDF) 14 Page - Texas Instruments

Part # THS4151CD
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4151CD Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS4151CD Datasheet HTML 10Page - Texas Instruments THS4151CD Datasheet HTML 11Page - Texas Instruments THS4151CD Datasheet HTML 12Page - Texas Instruments THS4151CD Datasheet HTML 13Page - Texas Instruments THS4151CD Datasheet HTML 14Page - Texas Instruments THS4151CD Datasheet HTML 15Page - Texas Instruments THS4151CD Datasheet HTML 16Page - Texas Instruments THS4151CD Datasheet HTML 17Page - Texas Instruments THS4151CD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
DATA CONVERTERS
VIN
-
+
-
+
DVDD
VOCM
AVSS
AVDD
AIN2
AIN1
VDD
Vref
5 V
VCC
0.1
µF
-5 V
VCC-
VIN
-
+
-
+
DVDD
VOCM
AVSS
AVDD
AIN2
AIN1
VDD
Vref
5 V
VCC
0.1
µF
VIN
-
+
-
+
DVDD
VOCM
AVSS
AVDD
AIN2
AIN1
VDD
Vref
5 V
VCC
0.1
µF
VCC
RPU
VCC
RPU
THS1206
R(g)
R(g)
VP
Rf
Rf
VOUT
VOUT
THS4150
THS4151
SLOS321G – MAY 2000 – REVISED MARCH 2009........................................................................................................................................................... www.ti.com
Data converters are one of the most popular applications for the fully differential amplifiers. The following
schematic shows a typical configuration of a fully differential amplifier attached to a differential ADC.
Figure 31. Fully Differential Amplifier Attached to a Differential ADC
Fully differential amplifiers can operate with a single supply. VOCM defaults to the midrail voltage, VCC/2. The
differential output may be fed into a data converter. This method eliminates the use of a transformer in the circuit.
If the ADC has a reference voltage output (Vref), then it is recommended to connect it directly to the VOCM of the
amplifier using a bypass capacitor for stability. For proper operation, the input common-mode voltage to the input
terminal of the amplifier should not exceed the common-mode input voltage range.
Figure 32. Fully Differential Amplifier Using a Single-Supply
Some single-supply applications may require the input voltage to exceed the common-mode input voltage range.
In such cases, the following circuit configuration is suggested to bring the common-mode input voltage within the
specifications of the amplifier.
Figure 33. Circuit With Improved Common-Mode Input Voltage
14
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com