Electronic Components Datasheet Search
  English  ▼

X  

THS4151CD Datasheet(PDF) 4 Page - Texas Instruments

Part # THS4151CD
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4151CD Datasheet(HTML) 4 Page - Texas Instruments

  THS4151CD Datasheet HTML 1Page - Texas Instruments THS4151CD Datasheet HTML 2Page - Texas Instruments THS4151CD Datasheet HTML 3Page - Texas Instruments THS4151CD Datasheet HTML 4Page - Texas Instruments THS4151CD Datasheet HTML 5Page - Texas Instruments THS4151CD Datasheet HTML 6Page - Texas Instruments THS4151CD Datasheet HTML 7Page - Texas Instruments THS4151CD Datasheet HTML 8Page - Texas Instruments THS4151CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
THS4150
THS4151
SLOS321G – MAY 2000 – REVISED MARCH 2009........................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At VCC = 15 V, RL = 800 Ω, TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC PERFORMANCE
TA = 25°C
63
67
Open loop gain
dB
TA = full range
(2)
60
TA = 25°C
1.1
7
Input offset voltage
TA = full range
8.5
mV
VOS
Input offset voltage, referred to VOCM
TA = 25°C
0.6
8
Offset drift
TA = full range
7
µV/°C
IIB
Input bias current
4.3
15
µA
TA = full range
IOS
Input offset current
250
1200
nA
Offset drift
TA = full range
0.7
nA/°C
Shutdown delay to output
TA = full range
1.1
µs
INPUT CHARACTERISTICS
CMRR
Common-mode rejection ratio
TA = full range
–75
–83
dB
VS– +1.5V
VICR
Common-mode input voltage range
to
V
VS+ –1.5V
rI
Input resistance
Measured into each input terminal
14.4
M
Ω
CI
Input capacitance, closed loop
3.9
pF
ro
Output resistance
Open loop/single ended
0.4
Ω
ro(SD)
Output resistance
Shutdown
636
Ω
OUTPUT CHARACTERISTICS
TA = 25°C
1.2 to 3.8
0.9 to 4.1
VCC = 5 V
TA = full range
1.2 to 3.8
TA = 25°C
±3.7
±3.9
Output voltage swing
VCC = ±5 V
V
TA = full range
±3.6
TA = 25°C
±11.6
±12.7
VCC = ±15 V
TA = full range
±11
TA = 25°C
30
45
VCC = 5 V
TA = full range
25
TA = 25°C
45
60
IO
Output current, RL = 7Ω
VCC = ±5 V
mA
TA = full range
35
TA = 25°C
65
85
VCC = ±15 V
TA = full range
50
POWER-SUPPLY
Single supply
4
30
33
VCC
Supply voltage range
V
Split supply
±2
±15
±16.5
TA = 25°C
15.8
18.5
VCC = ±5 V
TA = full range
21
ICC
Quiescent current (per amplifier)
mA
TA = 25°C
17.5
21
VCC = ±15 V
TA = full range
23
TA = 25°C
1
1.3
ICC(SD)
Quiescent current (shutdown) (THS4150)(3)
mA
TA = full range
1.5
TA = 25°C
70
90
PSRR
Power-supply rejection ratio (dc)
dB
TA = full range
65
(2)
The full range temperature is 0°C to 70°C for the C suffix, and –40°C to 85°C for the I suffix.
(3)
For detailed information on the behavior of the power-down circuit, see the Power-down mode description in the Principles of Operation
section of this data sheet.
4
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com