Electronic Components Datasheet Search
  English  ▼

X  

THS4151CD Datasheet(PDF) 6 Page - Texas Instruments

Part # THS4151CD
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4151CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4151CD Datasheet HTML 2Page - Texas Instruments THS4151CD Datasheet HTML 3Page - Texas Instruments THS4151CD Datasheet HTML 4Page - Texas Instruments THS4151CD Datasheet HTML 5Page - Texas Instruments THS4151CD Datasheet HTML 6Page - Texas Instruments THS4151CD Datasheet HTML 7Page - Texas Instruments THS4151CD Datasheet HTML 8Page - Texas Instruments THS4151CD Datasheet HTML 9Page - Texas Instruments THS4151CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
1.9
1.7
1.6
1.5
0
50
100
150
2
2.1
2.3
200
250
300
1.8
2.2
ts − Settling Time − ns
Rf = 390 Ω,
CF = 1 pF,
VCC = ±5 V,
VO = 4 Vpp,
Gain = 1
Settling to 1% = 17.2 ns
Settling to 0.1% = 53.3 ns
Settling to 0.01% = 247.5 ns
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
100 k
1 M
10 M
f − Frequency − Hz
100 M
1 G
VCC = 5
VCC = ±5
VCC = ±15
Gain = 1
Rf = 390 Ω,
RL = 800 Ω,
VI = 0.2 VRMS
400
450
500
550
600
650
700
−40
−20
0
20
60
80
100
VCC = ±15 V, VO = 2 VPP
VCC = ±15 V, VO = 4 VPP
VCC = ±5 V, VO = 2 VPP
VCC = ±5 V, VO = 4 VPP
CL= 0,
CF = 1 pF
T − Temperature −
°C
40
−100
−90
−80
−70
−60
−50
−40
100 k
1 M
f − Frequency − Hz
10 M
100 M
Single Input to
Differential Output
Differential Input to
Differential Output
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VO = 2 Vpp,
VCC = ±5 V to ±15 V
THS4150
THS4151
SLOS321G – MAY 2000 – REVISED MARCH 2009........................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
LARGE-SIGNAL FREQUENCY RESPONSE
SETTLING TIME
Figure 3.
Figure 4.
SLEW RATE
TOTAL HARMONIC DISTORTION
vs
vs
TEMPERATURE
FREQUENCY
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com