Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC5926IPWPR
Description  TLC592x 16-Channel Constant-Current LED Sink Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 2 Page - Texas Instruments

  TLC5926IPWPR Datasheet HTML 1Page - Texas Instruments TLC5926IPWPR Datasheet HTML 2Page - Texas Instruments TLC5926IPWPR Datasheet HTML 3Page - Texas Instruments TLC5926IPWPR Datasheet HTML 4Page - Texas Instruments TLC5926IPWPR Datasheet HTML 5Page - Texas Instruments TLC5926IPWPR Datasheet HTML 6Page - Texas Instruments TLC5926IPWPR Datasheet HTML 7Page - Texas Instruments TLC5926IPWPR Datasheet HTML 8Page - Texas Instruments TLC5926IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TLC5926, TLC5927
SLVS677C – JULY 2008 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
9.1
Overview ................................................................. 13
1
Features .................................................................. 1
9.2
Functional Block Diagram ....................................... 13
2
Applications ........................................................... 1
9.3
Feature Description................................................. 13
3
Description ............................................................. 1
9.4
Device Functional Modes........................................ 15
4
Revision History..................................................... 2
10
Application and Implementation........................ 19
5
Device Comparison Table..................................... 3
10.1
Application Information.......................................... 19
6
Pin Configuration and Functions ......................... 3
10.2
Typical Application ............................................... 21
7
Specifications......................................................... 4
11
Power Supply Recommendations ..................... 24
7.1
Absolute Maximum Ratings ...................................... 4
12
Layout................................................................... 24
7.2
ESD Ratings.............................................................. 4
12.1
Layout Guidelines ................................................. 24
7.3
Recommended Operating Conditions ....................... 4
12.2
Layout Example .................................................... 24
7.4
Thermal Information .................................................. 4
13
Device and Documentation Support ................. 27
7.5
Electrical Characteristics: VDD = 3 V......................... 5
13.1
Related Links ........................................................ 27
7.6
Electrical Characteristics: VDD = 5.5 V...................... 6
13.2
Community Resources.......................................... 27
7.7
Timing Recommendations ........................................ 7
13.3
Trademarks ........................................................... 27
7.8
Switching Characteristics: VDD = 3 V........................ 7
13.4
Electrostatic Discharge Caution ............................ 27
7.9
Switching Characteristics: VDD = 5.5 V..................... 8
13.5
Glossary ................................................................ 27
7.10
Typical Characteristics ............................................ 9
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information ................ 10
Information ........................................................... 27
9
Detailed Description ............................................ 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (October 2014) to Revision C
Page
•
Updated Default Relationship Curve graphic. ..................................................................................................................... 19
Changes from Revision A (June 2009) to Revision B
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
2
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com