Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC5926IPWPR
Description  TLC592x 16-Channel Constant-Current LED Sink Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 1 Page - Texas Instruments

  TLC5926IPWPR Datasheet HTML 1Page - Texas Instruments TLC5926IPWPR Datasheet HTML 2Page - Texas Instruments TLC5926IPWPR Datasheet HTML 3Page - Texas Instruments TLC5926IPWPR Datasheet HTML 4Page - Texas Instruments TLC5926IPWPR Datasheet HTML 5Page - Texas Instruments TLC5926IPWPR Datasheet HTML 6Page - Texas Instruments TLC5926IPWPR Datasheet HTML 7Page - Texas Instruments TLC5926IPWPR Datasheet HTML 8Page - Texas Instruments TLC5926IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
.
.
.
VLED
GND
SDO
R-EXT
VDD
LE
CLK
SDI
LE
CLK
OE
OE
SDI
.
.
.
3.0V to 5.5V
TLC5926/TLC5927
To Controller if Error
Detection Used
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TLC5926, TLC5927
SLVS677C – JULY 2008 – REVISED OCTOBER 2015
TLC592x 16-Channel Constant-Current LED Sink Drivers
1 Features
3 Description
The TLC592x is designed for LED displays and LED
1
•
16 Constant-Current Output Channels
lighting applications with open-load, shorted-load, and
•
Output Current Adjusted By External Resistor
over temperature detection, and constant-current
•
Constant Output Current Range: 5 mA to 120 mA
control. The TLC592x contains a 16-bit shift register
and data latches, which convert serial input data into
•
Constant Output Current Invariant to Load Voltage
parallel output format. At the TLC592x output stage,
Change
16
regulated-current
ports
provide
uniform
and
•
Open-Load and Shorted-Load Detection
constant current for driving LEDs within a wide range
•
256-Step Programmable Global Current Gain
of VF (forward voltage) variations. Used in systems
designed for LED display applications (for example,
•
Excellent Output Current Accuracy:
LED panels), TLC592x provides great flexibility and
–
Between Channels: < ±6% (Max),
device performance. Users can adjust the output
10 mA to 50 mA
current from 5 mA to 120 mA through an external
–
Between ICs: < ±6% (Max), 10 mA to 50 mA
resistor, Rext, which gives flexibility in controlling the
light intensity of LEDs. The TLC592x is designed for
•
30-MHz Maximum Clock Frequency
up to 17 V at the output port. The high clock
•
Schmitt-Trigger Input
frequency,
30
MHz,
also
satisfies
the
system
•
3.3-V or 5-V Supply Voltage
requirements of high-volume data transmission.
•
Thermal Shutdown for Overtemperature
Device Information (1)
Protection
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
SSOP (24)
8.65 mm × 3.90 mm
TLC5926
SOIC (24)
15.40 mm × 7.50 mm
•
General LED Lighting Applications
HTSSOP (24)
7.80 mm × 4.40 mm
•
LED Display Systems
SSOP (24)
8.65 mm × 3.90 mm
•
LED Signage
TLC5927
SOIC (24)
15.40 mm × 7.50 mm
•
Automotive LED Lighting
HTSSOP (24)
7.80 mm × 4.40 mm
•
White Goods
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Single Implementation of TLC592x Device
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLC5926IPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5926IPWPR TI-TLC5926IPWPR Datasheet
921Kb / 29P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926IPWPR TI-TLC5926IPWPR Datasheet
887Kb / 31P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926IPWPR TI1-TLC5926IPWPR Datasheet
1Mb / 39P
16-Channel Constant-Current LED Sink Drivers
TLC5926IPWPRG4 TI-TLC5926IPWPRG4 Datasheet
921Kb / 29P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926IPWPRG4 TI-TLC5926IPWPRG4 Datasheet
887Kb / 31P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results

Similar Description - TLC5926IPWPR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
16 BIT CONSTANT CURRENT LED DRIVERS
logo
Texas Instruments
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
16-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
16-CHANNEL CONSTANT Current LED Drivers
logo
Texas Instruments
TLC59116-Q1 TI1-TLC59116-Q1 Datasheet
422Kb / 39P
16-Channel Constant-Current LED Sink Driver
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
16-Channel Constant-Current LED Sink Drivers
TLC5926-Q1 TI1-TLC5926-Q1_16 Datasheet
1Mb / 36P
TLC592x-Q1 16-Channel Constant-Current LED Sink Drivers
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
16-channel Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com