Electronic Components Datasheet Search
  English  ▼

X  

TLV369 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV369
Description  TLVx369 Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV369 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV369 Datasheet HTML 7Page - Texas Instruments TLV369 Datasheet HTML 8Page - Texas Instruments TLV369 Datasheet HTML 9Page - Texas Instruments TLV369 Datasheet HTML 10Page - Texas Instruments TLV369 Datasheet HTML 11Page - Texas Instruments TLV369 Datasheet HTML 12Page - Texas Instruments TLV369 Datasheet HTML 13Page - Texas Instruments TLV369 Datasheet HTML 14Page - Texas Instruments TLV369 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
5 kW
10 mA, max
5 V
V
IN
V
OUT
I
OVERLOAD
A current-limiting resistor is required if the input voltage
exceeds the supply rails by
0.5 V.
³
TLV369
Copyright © 2016, Texas Instruments Incorporated
11
TLV369, TLV2369
www.ti.com
SBOS757 – MAY 2016
Product Folder Links: TLV369 TLV2369
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Operating Voltage
The TLV369 series os op amps are fully specified and tested from 1.8 V to 5.5 V (±0.9 V to ±2.75 V). Parameters
that vary significantly with supply voltage are described in the Typical Characteristics section.
7.3.2 Input Common-Mode Voltage Range
The TLV369 family is designed to eliminate the input offset transition region typically present in most rail-to-rail,
complementary-stage operational amplifiers, allowing the TLV369 family of amplifiers to provide superior
common-mode performance over the entire input range.
The input common-mode voltage range of the TLV369 family typically extends to each supply rail. CMRR is
specified from the negative rail to the positive rail; see Figure 1, Normalized Offset Voltage vs Common-Mode
Voltage.
7.3.3 Protecting Inputs from Overvoltage
Input currents are typically 10 pA. However, large inputs (greater than 500 mV beyond the supply rails) can
cause excessive current to flow in or out of the input pins. Therefore, in addition to keeping the input voltage
between the supply rails, the input current must also be limited to less than 10 mA. This limiting is easily
accomplished with an input resistor, as shown in Figure 14.
Figure 14. Input Current Protection for Voltages That Exceed the Supply Voltage
7.4 Device Functional Modes
The TLV369 family has a single functional mode. These devices are powered on as long as the power-supply
voltage is between 1.8 V (±0.9 V) and 5.5 V (±2.75 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com