Electronic Components Datasheet Search
  English  ▼

X  

TLV369 Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV369
Description  TLVx369 Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV369 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV369 Datasheet HTML 10Page - Texas Instruments TLV369 Datasheet HTML 11Page - Texas Instruments TLV369 Datasheet HTML 12Page - Texas Instruments TLV369 Datasheet HTML 13Page - Texas Instruments TLV369 Datasheet HTML 14Page - Texas Instruments TLV369 Datasheet HTML 15Page - Texas Instruments TLV369 Datasheet HTML 16Page - Texas Instruments TLV369 Datasheet HTML 17Page - Texas Instruments TLV369 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
R
=
BIAS
= 0.9 MW
V
BATTMIN
I
BIAS
=
1.8 V
2
A
m
R =
2
-
V
THRS
V
BATT
1
R
1
1
( ) - 1
R
1
=
-
2 V
1.2 V
420 kW
´
1
420 kW
1
(
)
-
1
20 MW
= 650 kW
R = R
1
F
= 20 MW
V
HYST
V
BATT
= 420 kW
50 mV
2.4 V
R =
F
V
REF
1000 (I
BMAX)
=
1.2 V
1000 (50 pA)
= 24 M
20 M
W
W
»
REF1112
TLV369
+IN
OUT
-IN
V
STATUS
V
BATT
V
REF
R
1
R
2
R
BIAS
I
BIAS
R
F
+
Copyright © 2016, Texas Instruments Incorporated
14
TLV369, TLV2369
SBOS757 – MAY 2016
www.ti.com
Product Folder Links: TLV369 TLV2369
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.3 System Examples
8.3.1 Battery Monitoring
The low operating voltage and quiescent current of the TLV369 series make the family an excellent choice for
battery-monitoring applications, as shown in Figure 17.
Figure 17. Battery Monitor
In this circuit, VSTATUS is high as long as the battery voltage remains above 2 V. A low-power reference is used to
set the trip point. Resistor values are selected as follows:
1. Selecting RF: Select RF such that the current through RF is approximately 1000 times larger than the
maximum bias current over temperature, as given by Equation 4:
(4)
2. Choose the hysteresis voltage, VHYST. For battery-monitoring applications, 50 mV is adequate.
3. Calculate R1 as calculated by Equation 5:
(5)
4. Select a threshold voltage for VIN rising (VTHRS) = 2.0 V.
5. Calculate R2 as given by Equation 6:
(6)
6. Calculate RBIAS: The minimum supply voltage for this circuit is 1.8 V. The REF1112 has a current
requirement of 1.2
μA (max). Providing the REF1112 with 2 μA of supply current assures proper operation.
Therefore, RBIAS is as given by Equation 7.
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com