Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV709
Description  TLV709 150mA, 30V, 3.2μA Quiescent Current, Low-Dropout Linear Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV709 Datasheet(HTML) 5 Page - Texas Instruments

  TLV709 Datasheet HTML 1Page - Texas Instruments TLV709 Datasheet HTML 2Page - Texas Instruments TLV709 Datasheet HTML 3Page - Texas Instruments TLV709 Datasheet HTML 4Page - Texas Instruments TLV709 Datasheet HTML 5Page - Texas Instruments TLV709 Datasheet HTML 6Page - Texas Instruments TLV709 Datasheet HTML 7Page - Texas Instruments TLV709 Datasheet HTML 8Page - Texas Instruments TLV709 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
TLV709 (2)
UNIT
DBV
[SOT-23]
PK
[SOT-89]
AxxPK
[SOT-89]
DBZ
[SOT-23]
5 PINS
4 PINS
4 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
195.7
131.7
72.5
241.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
88.2
65.8
121.4
122.8
°C/W
RθJB
Junction-to-board thermal resistance
40.7
32.4
37.3
120.7
°C/W
ψJT
Junction-to-top characterization parameter
11.2
69.8
29.6
22.6
°C/W
ψJB
Junction-to-board characterization parameter
40.5
96.2
36.8
120.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
note.
(2)
Thermal performance results are based on the JEDEC standard of 2s2p PCB configuration. These thermal metric parameters can be
further improved by 35-55% based on thermally optimized PCB layout designs. See the analysis of the Impact of board layout on LDO
thermal performance application note.
www.ti.com
TLV709
SLVSGU2F – FEBRUARY 2023 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com