Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV709
Description  TLV709 150mA, 30V, 3.2μA Quiescent Current, Low-Dropout Linear Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV709 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 9Page - Texas Instruments TLV709 Datasheet HTML 10Page - Texas Instruments TLV709 Datasheet HTML 11Page - Texas Instruments TLV709 Datasheet HTML 12Page - Texas Instruments TLV709 Datasheet HTML 13Page - Texas Instruments TLV709 Datasheet HTML 14Page - Texas Instruments TLV709 Datasheet HTML 15Page - Texas Instruments TLV709 Datasheet HTML 16Page - Texas Instruments TLV709 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
6.4 Device Functional Modes
Table 6-1 provides a quick comparison between the normal and dropout modes of operation.
Table 6-1. Device Functional Mode Comparison
OPERATING MODE
PARAMETER
VIN
IOUT
Normal
VIN > VOUT(nom) + VDO
IOUT < ICL
Dropout
VIN < VOUT(nom) + VDO
IOUT < ICL
6.4.1 Normal Operation
The device regulates to the nominal output voltage under the following conditions:
• The input voltage is greater than the nominal output voltage plus the dropout voltage (VOUT(nom) + VDO)
• The output current is less than the current limit (IOUT < ICL)
• The device junction temperature is greater than –40°C and less than +125°C
6.4.2 Dropout Operation
If the input voltage is lower than the nominal output voltage plus the specified dropout voltage, the device
operates in dropout mode. However, make sure all other conditions are met for normal operation. In this mode,
the output voltage tracks the input voltage. During this mode, the transient performance of the device becomes
significantly degraded. The pass transistor is in the ohmic or triode region, and acts as a switch. Line or load
transients in dropout result in large output voltage deviations.
When the device is in a steady dropout state, the pass transistor is driven into the ohmic or triode region. This
state is defined as when the device is in dropout, directly after being in a normal regulation state, but not during
start up. Dropout occurs when VIN < VOUT(NOM) + VDO. When the input voltage returns to a value ≥VOUT(NOM) +
VDO, the output voltage overshoots for a short period of time. VOUT(NOM) is the nominal output voltage and VDO is
the dropout voltage. During this time, the device pulls the pass transistor back into the linear region.
www.ti.com
TLV709
SLVSGU2F – FEBRUARY 2023 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com