Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV709
Description  TLV709 150mA, 30V, 3.2μA Quiescent Current, Low-Dropout Linear Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV709 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 6Page - Texas Instruments TLV709 Datasheet HTML 7Page - Texas Instruments TLV709 Datasheet HTML 8Page - Texas Instruments TLV709 Datasheet HTML 9Page - Texas Instruments TLV709 Datasheet HTML 10Page - Texas Instruments TLV709 Datasheet HTML 11Page - Texas Instruments TLV709 Datasheet HTML 12Page - Texas Instruments TLV709 Datasheet HTML 13Page - Texas Instruments TLV709 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
6 Detailed Description
6.1 Overview
The TLV709 low-dropout regulator (LDO) consumes only 3.2μA (typ) of quiescent current across the entire
output current range. The device offers a wide input voltage range and low-dropout voltage in small packaging.
The device, which operates over an input range of 2.5V to 30V, is stable with any output capacitor greater than
or equal to 1μF. The low quiescent current across the complete load current range makes the TLV709 designed
for powering battery-operated applications. The TLV709 has an internal soft-start to control inrush current into
the output capacitor. This LDO also has overcurrent protection during a load-short or fault condition on the
output.
6.2 Functional Block Diagrams
Bandgap
Reference
Current
Sense
Leakage Null
Control Circuit
GND
ILIM
VREF = 1.205 V
GND
GND
V(IN)
V(OUT)
FB
GND
Figure 6-1. Functional Block Diagram: Adjustable Version
Bandgap
Reference
Current
Sense
Leakage Null
Control Circuit
GND
ILIM
VREF = 1.205 V
GND
GND
V(IN)
V(OUT)
GND
Figure 6-2. Functional Block Diagram: Fixed Version
TLV709
SLVSGU2F – FEBRUARY 2023 – REVISED AUGUST 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com