Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV709
Description  TLV709 150mA, 30V, 3.2μA Quiescent Current, Low-Dropout Linear Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV709 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 2Page - Texas Instruments TLV709 Datasheet HTML 3Page - Texas Instruments TLV709 Datasheet HTML 4Page - Texas Instruments TLV709 Datasheet HTML 5Page - Texas Instruments TLV709 Datasheet HTML 6Page - Texas Instruments TLV709 Datasheet HTML 7Page - Texas Instruments TLV709 Datasheet HTML 8Page - Texas Instruments TLV709 Datasheet HTML 9Page - Texas Instruments TLV709 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
5.5 Electrical Characteristics
over operating junction temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 1V, IOUT = 100µA, and COUT = 1μF
(unless otherwise noted); typical values are at TJ = 25°C (1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage (2)
IO = 10mA
2.5
30
V
10mA ≤ IO < 50mA
3.0
30
50mA ≤ IO ≤ 150mA
3.5
30
VOUT
Output voltage range
(TLV709A01)
1.205
28
V
VFB
Internal reference (2)
1.152
1.205
1.24
VOUT (5)
Output voltage
accuracy (1) (2)
(3)
Over VIN,
IOUT, and
temp
VOUT + 1.0V ≤ VIN ≤ 30V
100µA ≤ IOUT ≤ 150mA
–4
4
%
Over VIN,
temp and
IOUT = 10mA
VOUT + 1.0V ≤ VIN ≤ 30V
IOUT = 10mA
-4
4
Over
VIN , IOUT, and
TJ = 25℃
VOUT + 1V ≤ VIN ≤ 30V
100µA ≤ IOUT ≤ 150mA and TJ =
25
℃
–2
2
IGND
Ground pin current(1) (4)
IOUT = 0mA
3.2
μA
100µA ≤ IOUT ≤ 150mA , VIN = 30V
10
Ground pin current(1) (4)
(For A version only)
100µA ≤ IOUT ≤ 150mA , TJ = –40°C
to 85°C
3.2
4.2
100µA ≤ IOUT ≤ 150mA
3.2
4.8
Ground pin current(1) (4)
(For non-A version only)
100µA ≤ IOUT ≤ 150mA , TJ = –40°C
to 85°C
3.4
4.3
100µA ≤ IOUT ≤ 150mA
3.4
5.8
ΔVOUT (ΔIOUT)
Load regulation (1)
VOUT ≥ 3.3V, 100µA < IOUT < 10mA
1
%/A
VOUT ≥ 3.3V, 100µA < IOUT < 50mA
1
VOUT ≥ 3.3V, 100µA < IOUT < 150mA
1
2.5
ΔVOUT (ΔVIN)
Line regulation (2)
VOUT(NOM) + 1V ≤ VIN ≤ 30V
0.02
0.05
%/V
Vn
Output noise
voltage
BW = 10Hz to
100kHz, COUT
= 10μF
IOUT = 1mA
487
μVrms
IOUT = 50mA
577
ICL
Output current limit
VOUT = 0V, VIN ≥ 3.5V
160
1000
mA
VOUT = 0V, VIN < 3.5V
90
1000
PSRR
Power-supply ripple rejection
f = 100kHz, COUT = 10μF
60
dB
VDO
Dropout voltage
VIN = VOUT(nom) – 0.1V, IOUT = 10mA
75
150
mV
VIN = VOUT(nom) – 0.1V, IOUT = 50mA
400
VIN = VOUT(nom) – 0.1V, IOUT =
150mA
1000
1600
(1)
TLV709 is stable and fuctional over the entire load current range from 0mA to ICL.
(2)
Minimum VIN = VOUT + 1V or the value shown for Input voltage in this table, whichever is greater.
(3)
For adjustable device, output accuracy excludes the tolerance and mismatch associated with external resistors used for setting up the
output voltage.
(4)
See Leakage null control circuit . The TLV709 employs a leakage null control circuit. This circuit is active only if output current is less
than pass transistor leakage current. The circuit is typically active when output load is less than 5μA, VIN is greater than 18V, and die
temperature is greater than 100°C.
(5)
Minimum VIN used for IOUT = 150mA is VOUT + 1.6V.
TLV709
SLVSGU2F – FEBRUARY 2023 – REVISED AUGUST 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com