Electronic Components Datasheet Search
  English  ▼

X  

TLV62080 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV62080
Description  TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm × 2-mm WSON Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV62080 Datasheet(HTML) 4 Page - Texas Instruments

  TLV62080 Datasheet HTML 1Page - Texas Instruments TLV62080 Datasheet HTML 2Page - Texas Instruments TLV62080 Datasheet HTML 3Page - Texas Instruments TLV62080 Datasheet HTML 4Page - Texas Instruments TLV62080 Datasheet HTML 5Page - Texas Instruments TLV62080 Datasheet HTML 6Page - Texas Instruments TLV62080 Datasheet HTML 7Page - Texas Instruments TLV62080 Datasheet HTML 8Page - Texas Instruments TLV62080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
1
2
3
4
8
7
6
5
EN
GND
GND
FB
VIN
PG
SW
VOS
Exposed
Thermal
Pad
4
TLV62080, TLV62084, TLV62084A
SLVSAK9H – OCTOBER 2011 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: TLV62080 TLV62084 TLV62084A
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
(1)
For detailed ordering information please check the Mechanical, Packaging, and Orderable Information section at the end of this
datasheet.
5
Device Comparison Table
PART NUMBER(1)
INPUT VOLTAGE
OUTPUT CURRENT
Power Good Logic Level (EN=Low)
TLV62080
2.5 V to 6 V
1.2 A
High Impedance
TLV62084
2.7 V to 6 V
2 A
High Impedance
TLV62084A
2.7 V to 6 V
2 A
Low
6 Pin Configuration and Functions
space
8-Pin WSON With Thermal Pad
DSG Package
(Top View)
space
space
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
EN
IN
Device enable logic input. Do not leave floating.
Logic HIGH enables the device, logic LOW disables the device and turns it into shutdown.
2, 3
GND
PWR
Power and signal ground.
4
FB
IN
Feedback terminal for the internal control loop.
Connect this terminal to the external feedback divider to program the output voltage.
5
VOS
IN
Output voltage sense terminal for the internal control loop. Must be connected to output.
6
PG
OUT
Power Good open drain output.
This terminal is pulled to low if the output voltage is below regulation limits. This terminal can be left floating if not
used.
7
SW
PWR
Switch terminal connected to the internal MOSFET switches and inductor terminal.
Connect the inductor of the output filter here.
8
VIN
PWR
Power supply voltage input.
Exposed
Thermal Pad
—
Must be connected to GND. Must be soldered to achieve appropriate power dissipation and mechanical
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com