Electronic Components Datasheet Search
  English  ▼

X  

TLV62080 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV62080
Description  TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm × 2-mm WSON Package
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV62080 Datasheet(HTML) 1 Page - Texas Instruments

  TLV62080 Datasheet HTML 1Page - Texas Instruments TLV62080 Datasheet HTML 2Page - Texas Instruments TLV62080 Datasheet HTML 3Page - Texas Instruments TLV62080 Datasheet HTML 4Page - Texas Instruments TLV62080 Datasheet HTML 5Page - Texas Instruments TLV62080 Datasheet HTML 6Page - Texas Instruments TLV62080 Datasheet HTML 7Page - Texas Instruments TLV62080 Datasheet HTML 8Page - Texas Instruments TLV62080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Output Current (A)
1E-5
0.0001
0.001
0.01
0.1
1
2
0
10
20
30
40
50
60
70
80
90
100
D002
VIN = 2.8 V
VIN = 3.6 V
VIN = 4.2 V
VIN
EN
GND
GND
PG
SW
VOS
FB
TLV62084
POWER GOOD
180 kΩ
VOUT
22 µF
R
1
R
2
10 µF
V
IN
2.7 V to 6 V
1 µH
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
TLV62080, TLV62084, TLV62084A
SLVSAK9H – OCTOBER 2011 – REVISED JANUARY 2017
TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm × 2-mm WSON
Package
1
1 Features
1
•
DCS-Control™ Architecture for Fast Transient
Regulation
•
2.5 to 6-V Input Voltage Range (TLV62080)
•
2.7 to 6-V Input Voltage Range (TLV62084,
TLV62084A)
•
100% Duty Cycle for Lowest Dropout
•
Power Save Mode for Light Load Efficiency
•
Output Discharge Function
•
Power Good Output
•
Thermal Shutdown
•
Available in 2 mm × 2 mm 8-Terminal WSON
Package
•
For Improved Features Set, see the TPS62080
•
Create a Custom Design Using the TLV6208x
With the WEBENCH® Power Designer
2 Applications
•
Battery-Powered Portable Devices
•
Point-of-Load Regulators
•
PC, Notebook, Server
•
Set Top Box
•
Solid State Drive (SSD), Memory Supply
3 Description
The
TLV6208x
family
devices
are
small
buck
converters with few external components, enabling
cost effective solutions. They are synchronous step-
down converters with an input voltage range of 2.5
and 2.7 (2.5 V for TLV62080, 2.7 V for TLV62084x)
to 6 V. The TLV6208x devices focus on high-
efficiency step-down conversion over a wide output
current range. At medium to heavy loads, the
TLV6208x converters operate in PWM mode and
automatically enter power save mode operation at
light-load currents to maintain high efficiency over the
entire load current range.
To address the requirements of system power rails,
the internal compensation circuit allows a wide range
of external output capacitor values. With the DCS-
Control™ (Direct Control with Seamless transition
into Power save mode) architecture excellent load
transient performance and output voltage regulation
accuracy are achieved. The devices are available in
2-mm × 2-mm WSON package with Thermal Pad.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV62080
WSON (8)
2.00 mm × 2.00 mm
TLV62084,
TLV62084A
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
space
Typical Application Schematic
Efficiency vs Output Current, VOUT = 1.2V
space
space


Similar Part No. - TLV62080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62080 TI1-TLV62080 Datasheet
786Kb / 22P
1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080 TI1-TLV62080 Datasheet
1,019Kb / 26P
1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080 TI1-TLV62080 Datasheet
1Mb / 28P
1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080DSG TI1-TLV62080DSG Datasheet
786Kb / 22P
1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080DSG TI1-TLV62080DSG Datasheet
1,019Kb / 26P
1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
More results

Similar Description - TLV62080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62080 TI-TLV62080_15 Datasheet
950Kb / 26P
TLV6208x 1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62085 TI-TLV62085_15 Datasheet
349Kb / 20P
TLV62085 High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TLV62065 TI1-TLV62065_16 Datasheet
1Mb / 26P
3-MHz 2-A Step-Down Converter in 2 x 2 WSON Package
TLV62080 TI1-TLV62080_16 Datasheet
1,019Kb / 26P
1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TLV62080_016 TI1-TLV62080_016 Datasheet
1Mb / 28P
1.2-A and 2-A High-Efficiency Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com